Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
RESETS
MOTOROLA
REV 2
5-1
SECTION 5
RESETS
This section describes the six reset sources and how they initialize the MCU. A
reset immediately stops the operation of the instruction being executed, initializes
certain control bits, and loads the program counter with a user defined reset vec-
tor address. The following conditions produce a reset:
•
Initial power up of device (power on reset).
•
A logic zero applied to the RESET pin (external reset).
•
Timeout of the COP watchdog (COP reset).
•
Low voltage applied to the device (LVR reset).
•
Fetch of an opcode from an address not in the memory map (illegal
address reset).
•
Detection of USB reset signal (USB reset).
Figure 5-1 shows a block diagram of the reset sources and their interaction.
Figure 5-1. Reset Sources
RESET
RESET
LATCH
R
COP WATCHDOG
POWER-ON RESET
ILLEGAL ADDRESS RESET
INTERNAL
D
INTERNAL
CLOCK
S
RST
TO CPU
AND
LOW VOLTAGE RESET
VDD
SUBSYSTEMS
ADDRESS BUS
USB RESET DETECTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com