Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB4
10-6
REV 2
10.2.1.4 Endpoint Field (ENDP)
The Endpoint field is a four bit number that is used to select a particular endpoint
within a USB device. For the MC68HC05JB4, this will be a binary number
between zero and two inclusive. Any other value will cause the transaction to be
ignored.
10.2.1.5 Cyclic Redundancy Check (CRC)
Cyclic Redundancy Checks are used to verify the address and data stream of a
USB transaction. This field is five bits wide for token packets and sixteen bits wide
for data packets. CRCs are generated in the transmitter and sent on the USB data
lines after both the endpoint field and the data field. Figure 10-6 shows how the
five bit CRC value is calculated from the data stream and verified for the address
and endpoint fields of a token packet. Figure 10-7 shows how the sixteen bit CRC
value is calculated and either transmitted or verified for the data packet of a given
transaction.
Figure 10-6. CRC Block Diagram for Address and Endpoint Fields
00 1 0 1
01 1 0 0
0
5
5
5
5
next bit
Data Stream
- Update every bit time.
- Reset to ones at SOP
Equal?
Good CRC
Bad CRC
5
Y
N
Expected Residual:
Generator Polynomial:
MUX
1
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com