Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
INPUT/OUTPUT PORTS
MOTOROLA
REV 2
7-5
selected. When a port pin is selected as ADC input and the ADON bit is set to ‘1’,
the pin will be configured as input pin automatically regardless of the status of the
DDR-bit. The value of the DDR-bit will not be affected.
NOTE
Reading from an output pin will return the content of the data register.
7.4.1 Port-C Data Register
7.4.2 Port-C Data Direction Register
Port-C DDRX
Pin Configuration
0
Input
1
Output Push/Pull
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PTC
R
0
0
PC5
PC4
PC3
PC2
PC1
PC0
$0002
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRC
R
0
0
DDRC5
DDRC4
DDRC3
DDRC2
DDRC1
DDRC0
$0006
W
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com