Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
GENERAL DESCRIPTION
MC68HC05JB4
1-2
REV 2
•
Fully compliant to Low Speed USB with 3 Endpoints:
– 1 Control Endpoint (2x8 byte buffer)
– 2 Interrupt Endpoints (1x8 byte buffer shared)
•
6-channel 8-bit Analog-to-Digital Converter (ADC)
•
Multi-function Timer (MFT)
•
16-bit Timer with 1 input capture and 1 output compare
•
Low Voltage Reset (LVR) Circuit
•
Computer Operating Properly (COP) Watchdog Reset
•
Provide a 3.3V
±10% DC Voltage for USB pull-up resistor
•
Fully Static Operation with no Minimum Clock Speed
•
Illegal Address Reset
•
Power-Saving STOP and WAIT Modes
•
Available in 28-Pin PDIP and 28-Pin SOIC packages
1.2
MASK OPTIONS
The following mask options are available:
•
Enable PA0 to PA3 as extra IRQ interrupt sources.
•
External interrupt pins (IRQ, PA0 to PA3): negative edge-triggered or
negative edge- and low level-triggered.
•
High current (25mA) output on PA6 and PA7.
•
OSC: crystal/ceramic resonator start up delay, 4064 or 128 clock cycles.
•
LVR: enabled or disabled.
•
COP: enabled or disabled.
1.3
MCU STRUCTURE
Figure 1-1 shows the structure of MC68HC05JB4 MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com