Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
INPUT/OUTPUT PORTS
MOTOROLA
REV 2
7-1
SECTION 7
INPUT/OUTPUT PORTS
In normal operating mode there are 19 usable bidirectional I/O lines arranged as
one 8-bit I/O port (Port-A), one 5-bit I/O port (Port-B), and one 6-bit I/O port
(Port C). The individual bits in these ports are programmable as either inputs or
outputs under software control by the data direction registers (DDRs).
Each pin on Port-A and Port-B has individual internal pull-up resistor (50k
Ω typi-
cal) which can be enabled by software. In addition, port pins PA6, PA7, and all
port-B pins have built in Slow Falling Edge transition feature. This software select-
able feature helps to eliminate EMI noise.
Other functions such as high current drive, interrupt, are available on some port
pins via mask option.
7.1
SLOW FALLING-EDGE OUTPUT DRIVER
When enabled, the slow falling-edge output drive feature has a slow falling edge
(drops from 5.0V to 2.2V in 167ns typically, with 50pF load) followed by a fast tran-
sition to Vss. The fast transition duration is depending on the strength of the output
driver defined for each port.
Figure 7-1. Slow Falling-edge Output Driver
50pF
5.0V
165ns
330ns
2.2V
Output Driver
0V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com