Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
RESETS
MOTOROLA
REV 2
5-3
The POR will generate the RST signal which will reset the CPU. If any other reset
function is active at the end of the 4064 cycle delay, the RST signal will remain in
the reset condition until the other reset condition(s) end.
POR will not activate the pulldown device on the RESET pin. VDD must drop
below VPOR in order for the internal POR circuit to detect the next rise of VDD.
5.3.2 USB Reset
The USB reset is generated by a detection on the USB bus reset signal. For
MC68HC05JB4, seeing a single-end zero on its upstream port for 4 to 8 bit times
will set RSTF bit in UIR0 register. The detections will also generate the RST signal
to reset the CPU and other peripherals in the MCU.
5.3.3 Computer Operating Properly (COP) Reset
The COP watchdog is enabled by a mask option.
A timeout of the COP watchdog generates a COP reset. The COP watchdog is
part of a software error detection system and must be cleared periodically to start
a new timeout period. To clear the COP watchdog and prevent a COP reset, write
a logic zero to the COPC bit of the COP register at location $1FF0.
COPC — COP Clear
COPC is a write-only bit. Periodically writing a logic zero to COPC prevents the
COP watchdog from resetting the MCU. Reset clears the COPC bit.
1 =
No effect on system.
0 =
Reset COP watchdog timer.
The COP Watchdog reset will assert the pulldown device to pull the RESET pin
low for one cycle of the internal bus clock.
See section on Core Timer for detail on COP watchdog timeout periods.
5.3.4 Low Voltage Reset (LVR)
The LVR activates the RST reset signal to reset the device when the voltage on
the VDD pin falls below the LVR trip voltage. The LVR will assert the pulldown
device to pull the RESET pin low one cycle of the internal bus clock. The Low Volt-
age Reset circuit is enabled by a mask option.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
COPR
R
00000000
$1FF0
W
COPC
reset:
UUUUUUU
0
U = UNAFFECTED BY RESET
Figure 5-2. COP Watchdog Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com