Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-13
Figure 10-13. Differential Input Sensitivity Over Entire Common Mode Range
10.4.3.1 Receiver Data Jitter
The data receivers for all types of devices must be able to properly decode the
differential data in the presence of jitter. The more of the bit cell that any data edge
can occupy and still be decoded, the more reliable the data transfer will be. Data
receivers are required to decode differential data transitions that occur in a
window plus and minus a nominal quarter bit cell from the nominal (centered) data
edge position.
Jitter will be caused by the delay mismatches and by mismatches in the source
and destination data rates (frequencies). The receive data jitter budget for low
speed is given in the electrical section of the this specification. The specification
includes the consecutive (next) and paired transition values for each source of
jitter.
10.4.3.2 Data Source Jitter
The source of data can have some variation (jitter) in the timing of edges of the
data
transmitted.
The
time
between
any
set
of
data
transitions
is
N x TPERIOD ± jitter time, where ‘N’ is the number of bits between the transitions
and TPERIOD is defined as the actual period of the data rate. The data jitter is
measured with the same capacitive load used for maximum rise and fall times and
is measured at the crossover points of the data lines as shown in Figure 10-14.
COMMON MODE INPUT VOLTAGE (VOLTS)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
1.0
0.8
0.6
0.4
0.2
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com