Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-9
Reset can wake a device from the suspended mode. A device may take up to
10ms to wake up from the suspended state.
10.2.3 Suspend
The MC68HC05JB4 supports suspend mode for low power. Suspend mode
should be entered when the USB data lines are in the idle state for more than 3.0
ms. Entry into Suspend mode is controlled by the SUSPND bit in the USB
Interrupt Register. Any low speed bus activity should keep the device out of the
suspend state. Low speed devices are kept awake by periodic low speed EOP
signals from the host. This is referred to as Low speed keep alive (refer to Section
11.2.5.1 of the USB specification).
Firmware should monitor the EOPF flag and enter suspend mode by setting the
SUSPND bit if an EOP is not detected for 3 ms.
Per the USB specification, the MC68HC05JB4 is required to draw less than
500
µA from the V
DD supply when in the suspend state. This includes the current
supplied by the voltage regulator to the 15 K
Ω to ground termination resistors
placed at the host end of the USB bus. This low current requirement means that
firmware is responsible for entering STOP mode once the USB module has been
placed in the suspend state.
10.2.4 Resume After Suspend
The MC68HC05JB4 can be activated from the suspend state by normal bus
activity, a USB reset signal, or by a forced resume driven from the
MC68HC05JB4.
10.2.4.1 Host Initiated Resume
The host signals resume by initiating resume signalling (“K” state) for at least 20
ms followed by a standard low speed EOP signal. This 20 ms ensures that all
devices in the USB network are awakened.
After resuming the bus, the host must begin sending bus traffic within 3 ms to
prevent the device from re-entering suspend mode.
10.2.4.2 USB Reset Signalling
Reset can wake a device from the suspended mode. A device may take up to 10
ms to wake up from the suspended state.
10.2.4.3 Remote Wake-up
The MC68HC05JB4 also supports the remote wake-up feature. The firmware has
the ability to exit suspend mode by signaling a resume state to the upstream Host
or Hub. A non-idle state (“K” state) on the USB data lines is accomplished by
asserting the FRESUM bit in the UCR1 register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com