Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-15
When transmitting, the control logic handles parallel to serial conversion, CRC
generation, NRZI encoding, and bit stuffing.
When Receiving, the control logic handles Sync detection, packet identification,
end of packet detection, bit (un)stuffing, NRZI decoding, CRC validation, and
serial to parallel conversion. Errors detected by the control logic include bad CRC,
time-out while waiting for EOP, and bit stuffing violations.
10.4.4.1 Data Encoding/Decoding
The USB employs NRZI data encoding when transmitting packets. In NRZI
encoding, a 1 is represented by no change in level and a 0 is represented by a
change in level. Figure 10-16 shows a data stream and the NRZI equivalent and
Figure 10-17 is a flow diagram for NRZI. The high level represents the J state on
the data lines in this and subsequent figures showing NRZI encoding. A string of
zeros causes the NRZI data to toggle each bit time. A string of ones causes long
periods with no transitions in the data.
Figure 10-16. NRZI Data Encoding
Figure 10-17. Flow Diagram for NRZI
IDLE
DATA
IDLE
NRZI
0110
0
000
00
0
11
1
1
1
POWER UP
NO PACKET
TRANSMISSION
IDLE
BEGIN PACKET
FETCH THE
DATA BIT
NO
YES
NO DATA
TRANSITION
TRANSITION
IS PACKAGE
TRANSFER
DONE?
NO
YES
DATA
TRANSMISSION
IS DATA
BIT = 0?
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com