Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 219 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 219 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 215Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 216Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 217Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 218Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 219Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 220Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 221Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 222Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 219
dsPIC33EPXXXGS70X/80X FAMILY
17.2
PTG Control Registers
REGISTER 17-1:
PTGCST: PTG CONTROL/STATUS REGISTER
R/W-0
U-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
PTGEN
—
PTGSIDL
PTGTOGL
—PTGSWT(2)
PTGSSEN
PTGIVIS
bit 15
bit 8
R/W-0
HS-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
PTGSTRT
PTGWDTO
—
—
—
—PTGITM1(1)
PTGITM0(1)
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PTGEN: PTG Module Enable bit
1 = PTG module is enabled
0 = PTG module is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
PTGSIDL: PTG Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
PTGTOGL: PTG TRIG Output Toggle Mode bit
1 = Toggles the state of the PTGOx for each execution of the PTGTRIG command
0 = Each execution of the PTGTRIG command will generate a single PTGOx pulse determined by the
value in the PTGPWDx bits
bit 11
Unimplemented: Read as ‘0’
bit 10
PTGSWT: PTG Software Trigger bit(2)
1 = Triggers the PTG module
0 = No action (clearing this bit will have no effect)
bit 9
PTGSSEN: PTG Enable Single-Step bit
1 = Enables Single-Step mode
0 = Disables Single-Step mode
bit 8
PTGIVIS: PTG Counter/Timer Visibility Control bit
1 = Reads of the PTGSDLIM, PTGCxLIM or PTGTxLIM registers return the current values of their
corresponding Counter/Timer registers (PTGSD, PTGCx, PTGTx)
0 = Reads of the PTGSDLIM, PTGCxLIM or PTGTxLIM registers return the value previously written to
those PTG Limit registers
bit 7
PTGSTRT: Start PTG Sequencer bit
1 = Starts to sequentially execute commands (Continuous mode)
0 = Stops executing commands
bit 6
PTGWDTO: PTG Watchdog Timer Time-out Status bit
1 = PTG Watchdog Timer has timed out
0 = PTG Watchdog Timer has not timed out.
bit 5-2
Unimplemented: Read as ‘0’
Note 1:
These bits apply to the PTGWHI and PTGWLO commands only.
2:
This bit is only used with the PTGCTRL Step command software trigger option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com