Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 217 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 217 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 213Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 214Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 215Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 216Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 217Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 218Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 219Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 220Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 217
dsPIC33EPXXXGS70X/80X FAMILY
17.0 PERIPHERAL TRIGGER
GENERATOR (PTG) MODULE
17.1
Module Introduction
The Peripheral Trigger Generator (PTG) provides a
means to schedule complex, high-speed peripheral
operations that would be difficult to achieve using soft-
ware. The PTG module uses 8-bit commands, called
“Steps”, that the user writes to the PTG Queue register
(PTGQUE0-PTQUE15) which performs operations,
such as wait for input signal, generate output trigger
and wait for timer.
The PTG module has the following major features:
• Multiple Clock Sources
• Two 16-Bit General Purpose Timers
• Two 16-Bit General Limit Counters
• Configurable for Rising or Falling Edge Triggering
• Generates Processor Interrupts to include:
- Four configurable processor interrupts
- Interrupt on a Step event in Single-Step mode
- Interrupt on a PTG Watchdog Timer time-out
• Able to Receive Trigger Signals from these
Peripherals:
-ADC
-PWM
- Output Compare
- Input Capture
- Comparator
-INT2
• Able to Trigger or Synchronize to these
Peripherals:
- Watchdog Timer
- Output Compare
- Input Capture
-ADC
-PWM
- Comparator
Note 1: This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
of devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to “Peripheral Trigger
Generator (PTG)” (DS70000669) in
the “dsPIC33/PIC24 Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com