Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 215 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 215 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 211Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 212Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 213Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 214Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 215Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 216Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 217Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 218Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 215
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 16-27: PWMCAPx: PWMx PRIMARY TIME BASE CAPTURE REGISTER (x = 1 to 8)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
PWMCAP<12:5>(1,2,3,4)
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
U-0
U-0
U-0
PWMCAP<4:0>(1,2,3,4)
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-3
PWMCAP<12:0>: PWMx Primary Time Base Capture Value bits(1,2,3,4)
The value in this register represents the captured PWMx time base value when a leading edge is
detected on the current-limit input.
bit 2-0
Unimplemented: Read as ‘0’
Note 1:
The capture feature is only available on a primary output (PWMxH).
2:
This feature is active only after LEB processing on the current-limit input signal is complete.
3:
The minimum capture resolution is 8.32 ns.
4:
This feature can be used when the XPRES bit (PWMCONx<1>) is set to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com