Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 225 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 225 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 221Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 222Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 223Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 224Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 225Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 226Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 227Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 228Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 225
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 17-6:
PTGSDLIM: PTG STEP DELAY LIMIT REGISTER(1,2)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTGSDLIM<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTGSDLIM<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PTGSDLIM<15:0>: PTG Step Delay Limit Register bits
Holds a PTG Step delay value, representing the number of additional PTG clocks, between the start
of a Step command and the completion of a Step command.
Note 1:
A base Step delay of one PTG clock is added to any value written to the PTGSDLIM register
(Step Delay = (PTGSDLIM) + 1).
2:
This register is read-only when the PTG module is executing Step commands (PTGEN = 1 and
PTGSTRT = 1).
REGISTER 17-7:
PTGC0LIM: PTG COUNTER 0 LIMIT REGISTER(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTGC0LIM<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTGC0LIM<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PTGC0LIM<15:0>: PTG Counter 0 Limit Register bits
May be used to specify the loop count for the PTGJMPC0 Step command or as a limit register for the
General Purpose Counter 0.
Note 1:
This register is read-only when the PTG module is executing Step commands (PTGEN = 1 and
PTGSTRT = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com