Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 229 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 229 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 225Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 226Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 227Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 228Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 229Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 230Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 231Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 232Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 229
dsPIC33EPXXXGS70X/80X FAMILY
17.3
Step Commands and Format
TABLE 17-1:
PTG STEP COMMAND FORMAT
Step Command Byte:
STEPx<7:0>
CMD<3:0>
OPTION<3:0>
bit 7
bit 4 bit 3
bit 0
bit 7-4
CMD<3:0>
Step
Command
Command Description
0000
PTGCTRL
Execute control command as described by OPTION<3:0>
0001
PTGADD
Add contents of PTGADJ register to target register as described by
OPTION<3:0>
PTGCOPY
Copy contents of PTGHOLD register to target register as described by
OPTION<3:0>
001x
PTGSTRB
Copy the value contained in CMD0:OPTION<3:0> to the CNVCHSEL<5:0> bits
(ADCON3L<5:0>)
0100
PTGWHI
Wait for a low-to-high edge input from selected PTG trigger input as described
by OPTION<3:0>
0101
PTGWLO
Wait for a high-to-low edge input from selected PTG trigger input as described
by OPTION<3:0>
0110
Reserved
Reserved
0111
PTGIRQ
Generate individual interrupt request as described by OPTION<3:0>
100x
PTGTRIG
Generate individual trigger output as described by <<CMD0>:OPTION<3:0>>
101x
PTGJMP
Copy the value indicated in <<CMD0>:OPTION<3:0>> to the PTG Queue
Pointer (PTGQPTR) and jump to that Step queue
110x
PTGJMPC0
PTGC0 = PTGC0LIM: Increment the PTG Queue Pointer (PTGQPTR)
PTGC0
PTGC0LIM: Increment PTG Counter 0 (PTGC0) and copy the value
indicated in <<CMD0>:OPTION<3:0>> to the PTG Queue Pointer (PTGQPTR)
and jump to that Step queue
111x
PTGJMPC1
PTGC1 = PTGC1LIM: Increment the PTG Queue Pointer (PTGQPTR)
PTGC1
PTGC1LIM: Increment PTG Counter 1 (PTGC1) and copy the value
indicated in <<CMD0>:OPTION<3:0>> to the PTG Queue Pointer (PTGQPTR)
and jump to that Step queue
Note 1: All reserved commands or options will execute but have no effect (i.e., execute as a NOP instruction).
2: Refer to Table 17-2 for the trigger output descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com