Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 228 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 228 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 224Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 225Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 226Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 227Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 228Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 229Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 230Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 231Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 228
 2016-2018 Microchip Technology Inc.
REGISTER 17-12: PTGQPTR: PTG STEP QUEUE POINTER REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—PTGQPTR<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented: Read as ‘0’
bit 4-0
PTGQPTR<4:0>: PTG Step Queue Pointer Register bits
This register points to the currently active Step command in the Step queue.
Note 1:
This register is read-only when the PTG module is executing Step commands (PTGEN = 1 and
PTGSTRT = 1).
REGISTER 17-13: PTGQUEx: PTG STEP QUEUE REGISTER x (x = 0-15)(1,3)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
STEP(2x + 1)<7:0>(2)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
STEP(2x)<7:0>(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
STEP(2x + 1)<7:0>: PTG Step Queue Pointer Register bits(2)
A queue location for storage of the STEP(2x +1) command byte.
bit 7-0
STEP(2x)<7:0>: PTG Step Queue Pointer Register bits(2)
A queue location for storage of the STEP(2x) command byte.
Note 1:
This register is read-only when the PTG module is executing Step commands (PTGEN = 1 and
PTGSTRT = 1).
2:
Refer to Table 17-1 for the Step command encoding.
3:
The Step registers maintain their values on any type of Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com