Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 230 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 230 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 226Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 227Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 228Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 229Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 230Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 231Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 232Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 233Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 230
 2016-2018 Microchip Technology Inc.
TABLE 17-1:
PTG STEP COMMAND FORMAT (CONTINUED)
bit 3-0
Step
Command
OPTION<3:0>
Option Description
PTGCTRL(1)
0000
Reserved
0001
Reserved
0010
Disable PTG Step Delay Timer (PTGSD)
0011
Reserved
0100
Reserved
0101
Reserved
0110
Enable PTG Step Delay Timer (PTGSD)
0111
Reserved
1000
Start and wait for the PTG Timer0 to match the PTG Timer0 Limit register
1001
Start and wait for the PTG Timer1 to match the PTG Timer1 Limit register
1010
Reserved
1011
Wait for software trigger bit transition from low-to-high before continuing
(PTGSWT = 0 to 1)
1100
Copy contents of the PTG Counter 0 register to the CNVCHSEL<5:0> bits
(ADCON3L<5:0>)
1101
Copy contents of the PTG Counter 1 register to the CNVCHSEL<5:0> bits
(ADCON3L<5:0>)
1110
Copy contents of the PTG Literal 0 register to the CNVCHSEL<5:0> bits
(ADCON3L<5:0>)
1111
Generate the triggers indicated in the PTG Broadcast Trigger Enable register
(PTGBTE)
PTGADD(1)
0000
Add contents of PTGADJ register to the PTG Counter 0 Limit register (PTGC0LIM)
0001
Add contents of PTGADJ register to the PTG Counter 1 Limit register (PTGC1LIM)
0010
Add contents of PTGADJ register to the PTG Timer0 Limit register (PTGT0LIM)
0011
Add contents of PTGADJ register to the PTG Timer1 Limit register (PTGT1LIM)
0100
Add contents of PTGADJ register to the PTG Step Delay Limit register
(PTGSDLIM)
0101
Add contents of PTGADJ register to the PTG Literal 0 register (PTGL0)
0110
Reserved
0111
Reserved
PTGCOPY(1)
1000
Copy contents of PTGHOLD register to the PTG Counter 0 Limit register
(PTGC0LIM)
1001
Copy contents of PTGHOLD register to the PTG Counter 1 Limit register
(PTGC1LIM)
1010
Copy contents of PTGHOLD register to the PTG Timer0 Limit register (PTGT0LIM)
1011
Copy contents of PTGHOLD register to the PTG Timer1 Limit register (PTGT1LIM)
1100
Copy contents of PTGHOLD register to the PTG Step Delay Limit register
(PTGSDLIM)
1101
Copy contents of PTGHOLD register to the PTG Literal 0 register (PTGL0)
1110
Reserved
1111
Reserved
Note 1: All reserved commands or options will execute but have no effect (i.e., execute as a NOP instruction).
2: Refer to Table 17-2 for the trigger output descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com