Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 234 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 234 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 230Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 231Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 232Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 233Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 234Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 235Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 236Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 237Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 234
 2016-2018 Microchip Technology Inc.
To set up the SPIx module for the Standard Master
mode of operation:
1.
If using interrupts:
a)
Clear the interrupt flag bits in the respective
IFSx register.
b)
Set the interrupt enable bits in the
respective IECx register.
c)
Write the SPIxIP bits in the respective IPCx
register to set the interrupt priority.
2.
Write the desired settings to the SPIxCON1L
and SPIxCON1H registers with the MSTEN bit
(SPIxCON1L<5>) = 1.
3.
Clear the SPIROV bit (SPIxSTATL<6>).
4.
Enable SPIx operation by setting the SPIEN bit
(SPIxCON1L<15>).
5.
Write the data to be transmitted to the SPIxBUFL
and SPIxBUFH registers. Transmission (and
reception) will start as soon as data is written to
the SPIxBUFL and SPIxBUFH registers.
To set up the SPIx module for the Standard Slave mode
of operation:
1.
Clear the SPIxBUF registers.
2.
If using interrupts:
a) Clear the SPIxBUFL and SPIxBUFH
registers.
b) Set the interrupt enable bits in the
respective IECx register.
c)
Write the SPIxIP bits in the respective IPCx
register to set the interrupt priority.
3.
Write the desired settings to the SPIxCON1L,
SPIxCON1H and SPIxCON2L registers with
the MSTEN bit (SPIxCON1L<5>) = 0.
4.
Clear the SMP bit.
5.
If the CKE bit (SPIxCON1L<8>) is set, then the
SSEN bit (SPIxCON1L<7>) must be set to
enable the SSx pin.
6.
Clear the SPIROV bit (SPIxSTATL<6>).
7.
Enable SPIx operation by setting the SPIEN bit
(SPIxCON1L<15>).
FIGURE 18-1:
SPIx MODULE BLOCK DIAGRAM (STANDARD MODE)
Read
Write
Internal
Data Bus
SDIx
SDOx
SSx/FSYNC
SCKx
MSb
Shift
Control
Edge
Select
Enable Master Clock
Transmit
SPIxTXB
SPIxRXB
Peripheral Clock
REFO
MCLKEN
SPIxRXSR
URDTEN
1
0
TXELM<5:0> = 6’b0
MSb
Baud Rate
Generator
SSx & FSYNC
Control
Clock
Control
SPIxTXSR
Clock
Control
Edge
Select
Receive
SPIxURDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com