Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 236 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 236 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 232Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 233Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 234Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 235Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 236Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 237Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 238Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 239Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 236
 2016-2018 Microchip Technology Inc.
To set up the SPIx module for Audio mode:
1.
Clear the SPIxBUFL and SPIxBUFH registers.
2.
If using interrupts:
a)
Clear the interrupt flag bits in the respective
IFSx register.
b)
Set the interrupt enable bits in the
respective IECx register.
a)
Write the SPIxIP bits in the respective IPCx
register to set the interrupt priority.
3.
Write the desired settings to the SPIxCON1L,
SPIxCON1H and SPIxCON2L registers with
AUDEN (SPIxCON1H<15>) = 1.
4.
Clear the SPIROV bit (SPIxSTATL<6>).
5.
Enable SPIx operation by setting the SPIEN bit
(SPIxCON1L<15>).
6.
Write the data to be transmitted to the SPIxBUFL
and SPIxBUFH registers. Transmission (and
reception) will start as soon as data is written to
the SPIxBUFL and SPIxBUFH registers.
REGISTER 18-1:
SPIxCON1L: SPIx CONTROL REGISTER 1 LOW
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SPIEN
—
SPISIDL
DISSDO
MODE32(1,4) MODE16(1,4)
SMP
CKE(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SSEN(2)
CKP
MSTEN
DISSDI
DISSCK
MCLKEN(3)
SPIFE
ENHBUF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
SPIEN: SPIx On bit
1 = Enables module
0 = Turns off and resets module, disables clocks, disables interrupt event generation, allows SFR
modifications
bit 14
Unimplemented: Read as ‘0’
bit 13
SPISIDL: SPIx Stop in Idle Mode bit
1 = Halts in CPU Idle mode
0 = Continues to operate in CPU Idle mode
bit 12
DISSDO: Disable SDOx Output Port bit
1 = SDOx pin is not used by the module; pin is controlled by port function
0 = SDOx pin is controlled by the module
bit 11-10
MODE32 and MODE16: Serial Word Length Select bits(1,4)
Note 1:
When AUDEN (SPIxCON1H<15>) = 1, this module functions as if CKE = 0, regardless of its actual value.
2:
When FRMEN = 1, SSEN is not used.
3:
MCLKEN can only be written when the SPIEN bit = 0.
4:
This channel is not meaningful for DSP/PCM mode as LRC follows FRMSYPW.
MODE32
MODE16
AUDEN
Communication
1x
0
32-Bit
01
16-Bit
00
8-Bit
11
1
24-Bit Data, 32-Bit FIFO, 32-Bit Channel/64-Bit Frame
10
32-Bit Data, 32-Bit FIFO, 32-Bit Channel/64-Bit Frame
01
16-Bit Data, 16-Bit FIFO, 32-Bit Channel/64-Bit Frame
00
16-Bit FIFO, 16-Bit Channel/32-Bit Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com