Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 311 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 311 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 307Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 308Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 309Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 310Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 311Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 312Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 313Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 314Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 311
dsPIC33EPXXXGS70X/80X FAMILY
23.0 CONTROLLER AREA
NETWORK (CAN) MODULE
(dsPIC33EPXXXGS80X
DEVICES ONLY)
23.1
Overview
The Controller Area Network (CAN) module is a serial
interface, useful for communicating with other CAN
modules or microcontroller devices. This interface/
protocol was designed to allow communications within
noisy
environments.
The
dsPIC33EPXXXGS80X
devices contain two CAN modules.
The CAN module is a communication controller, imple-
menting the CAN 2.0 A/B protocol, as defined in the
BOSCH CAN specification. The module supports
CAN 1.2, CAN 2.0A, CAN 2.0B Passive and CAN 2.0B
Active versions of the protocol. The module implemen-
tation is a full CAN system. The CAN specification is
not covered within this data sheet. The reader can refer
to the BOSCH CAN specification for further details.
The CAN module features are as follows:
• Implementation of the CAN Protocol, CAN 1.2,
CAN2.0A and CAN2.0B
• Standard and Extended Data Frames
• 0-8 Bytes of Data Length
• Programmable Bit Rate, up to 1 Mbit/sec
• Automatic Response to Remote Transmission
Requests
• Up to Eight Transmit Buffers with Application
Specified Prioritization and Abort Capability (each
buffer can contain up to 8 bytes of data)
• Up to 32 Receive Buffers (each buffer can contain
up to 8 bytes of data)
• Up to 16 Full (Standard/Extended Identifier)
Acceptance Filters
• Three Full Acceptance Filter Masks
• DeviceNet™ Addressing Support
• Programmable Wake-up Functionality with
Integrated Low-Pass Filter
• Programmable Loopback mode supports
Self-Test Operation
• Signaling via Interrupt Capabilities for All CAN
Receiver and Transmitter Error States
• Programmable Clock Source
• Programmable Link to Input Capture 2 (IC2)
module for Timestamping and Network
Synchronization
• Low-Power Sleep and Idle modes
The CAN bus module consists of a protocol engine and
message buffering/control. The CAN protocol engine
handles all functions for receiving and transmitting
messages on the CAN bus. Messages are transmitted
by first loading the appropriate data registers. Status
and errors can be checked by reading the appropriate
registers. Any message detected on the CAN bus is
checked for errors and then matched against filters to
see if it should be received and stored in one of the
receive registers.
Note 1: This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
of devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data sheet,
refer to “Enhanced Controller Area
Network (ECAN™)” (DS70353) in the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com