Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 396 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 396 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 392Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 393Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 394Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 395Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 396Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 397Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 398Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 399Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 400Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 396
 2016-2018 Microchip Technology Inc.
TABLE 30-23: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min.
Typ.(2)
Max. Units
Conditions
SY00
TPU
Power-up Period
—
400
600
µs
SY10
TOST
Oscillator Start-up Time
—
1024 TOSC
——
TOSC = OSC1 period
SY12
TWDT
Watchdog Timer
Time-out Period
0.81
—
1.22
ms
WDTPRE = 0,
WDTPOST<3:0> = 0000,
using LPRC tolerances indicated in
F21 (see Table 30-21) at +85°C
3.25
—
4.88
ms
WDTPRE = 1,
WDTPOST<3:0> = 0000,
using LPRC tolerances indicated in
F21 (see Table 30-21) at +85°C
SY13
TIOZ
I/O High-Impedance from
MCLR Low or Watchdog
Timer Reset
0.68
0.72
1.2
µs
SY20
TMCLR
MCLR Pulse Width (low)
2
—
—
µs
SY30
TBOR
BOR Pulse Width (low)
1
—
—
µs
SY35
TFSCM
Fail-Safe Clock Monitor
Delay
—
500
900
µs
-40°C to +85°C
SY36
TVREG
Voltage Regulator
Standby-to-Active mode
Transition Time
——
30
µs
SY37
TOSCDFRC FRC Oscillator Start-up
Delay
—48
—
µs
SY38
TOSCDLPRC LPRC Oscillator Start-up
Delay
——
70
µs
Note 1: These parameters are characterized but not tested in manufacturing.
2: Data in “Typ.” column is at 3.3V, +25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com