Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 397 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 397 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 393Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 394Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 395Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 396Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 397Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 398Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 399Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 400Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 401Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 397
dsPIC33EPXXXGS70X/80X FAMILY
FIGURE 30-5:
TIMER1-TIMER5 EXTERNAL CLOCK TIMING CHARACTERISTICS
Note: Refer to Figure 30-1 for load conditions.
OS60
TxCK
TMRx
Tx10
Tx11
Tx15
Tx20
TABLE 30-24: TIMER1 EXTERNAL CLOCK TIMING REQUIREMENTS(1)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(2)
Min.
Typ.
Max.
Units
Conditions
TA10
TTXH
T1CK High
Time
Synchronous mode
Greater of:
20 or
(TCY + 20)/N
—
—
ns
Must also meet
Parameter TA15,
N = Prescale Value
(1, 8, 64, 256)
Asynchronous mode
35
—
—
ns
TA11
TTXLT1CK Low
Time
Synchronous mode
Greater of:
20 or
(TCY + 20)/N
—
—
ns
Must also meet
Parameter TA15,
N = Prescale Value
(1, 8, 64, 256)
Asynchronous mode
10
—
—
ns
TA15
TTXP
T1CK Input
Period
Synchronous mode
Greater of:
40 or
(2 TCY + 40)/N
—
—
ns
N = Prescale Value
(1, 8, 64, 256)
OS60 Ft1
T1CK Oscillator Input Frequency
Range (oscillator enabled by
setting bit, TCS (T1CON<1>))
DC
—
50
kHz
TA20
TCKEXTMRL Delay from External T1CK Clock
Edge to Timer Increment
0.75 TCY + 40
—
1.75 TCY + 40
ns
Note 1: Timer1 is a Type A timer.
2: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com