Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 393 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 393 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 389Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 390Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 391Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 392Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 393Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 394Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 395Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 396Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 397Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 393
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 30-18: PLL CLOCK TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.(1)
Max.
Units
Conditions
OS50
FPLLI
PLL Voltage Controlled Oscillator
(VCO) Input Frequency Range
0.8
—
8.0
MHz ECPLL, XTPLL modes
OS51
FVCO
On-Chip VCO System Frequency
120
—
340
MHz
OS52
TLOCK
PLL Start-up Time (Lock Time)
0.9
1.5
3.1
ms
OS53
DCLK
CLKO Stability (Jitter)(2)
-3
0.5
3
%
Note 1: Data in “Typ.” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2: This jitter specification is based on clock cycle-by-clock cycle measurements. To get the effective jitter for
individual time bases, or communication clocks used by the application, use the following formula:
For example, if FOSC = 120 MHz and the SPIx bit rate = 10 MHz, the effective jitter is as follows:
Effective Jitter
DCLK
FOSC
Time Base or Communication Clock
---------------------------------------------------------------------------------------
-------------------------------------------------------------------------------------------
=
Effective Jitter
DCLK
120
10
---------
--------------
DCLK
12
--------------
DCLK
3.464
--------------
===
TABLE 30-19: AUXILIARY PLL CLOCK TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS56
FHPOUT
On-Chip 16x PLL CCO
Frequency
112
118
120
MHz
OS57
FHPIN
On-Chip 16x PLL Phase
Detector Input Frequency
7.0
7.37
7.5
MHz
OS58
TSU
Frequency Generator Lock
Time
——
10
µs
Note 1: Data in “Typ” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design guidance only
and are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com