Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 390 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 390 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 386Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 387Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 388Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 389Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 390Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 391Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 392Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 393Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 394Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 390
 2016-2018 Microchip Technology Inc.
TABLE 30-14: DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.(1)
Max.
Units
Conditions
Program Flash Memory
D130
EP
Cell Endurance
10,000
—
—
E/W -40
C to +125C
D131
VPR
VDD for Read
3.0
—
3.6
V
D132b
VPEW
VDD for Self-Timed Write
3.0
—
3.6
V
D134
TRETD
Characteristic Retention
20
—
—
Year Provided no other specifications
are violated, -40
C to +125C
D135
IDDP
Supply Current during
Programming(2)
—10
—
mA
D136
IPEAK
Instantaneous Peak Current
During Start-up
——
150
mA
D137a
TPE
Page Erase Time
19.7
—
20.1
ms
TPE = 146893 FRC cycles,
TA = +85°C (Note 3)
D137b
TPE
Page Erase Time
19.5
—
20.3
ms
TPE = 146893 FRC cycles,
TA = +125°C (Note 3)
D138a
TWW
Word Write Cycle Time
46.5
—
47.3
µs
TWW = 346 FRC cycles,
TA = +85°C (Note 3)
D138b
TWW
Word Write Cycle Time
46.0
—
47.9
µs
TWW = 346 FRC cycles,
TA = +125°C (Note 3)
D139a
TRW
Row Write Time
667
—
679
µs
TRW = 4965 FRC cycles,
TA = +85°C (Note 3)
D139b
TRW
Row Write Time
660
—
687
µs
TRW = 4965 FRC cycles,
TA = +125°C (Note 3)
Note 1: Data in “Typ.” column is at 3.3V, +25°C unless otherwise stated.
2: Parameter characterized but not tested in manufacturing.
3: Other conditions: FRC = 7.37 MHz, TUN<5:0> = 011111 (for Minimum), TUN<5:0> = 100000 (for
Maximum). This parameter depends on the FRC accuracy (see Table 30-20) and the value of the FRC
Oscillator Tuning register (see Register 9-4). For complete details on calculating the Minimum and
Maximum time, see Section 5.3 “Programming Operations”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com