Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 389 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 389 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 385Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 386Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 387Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 388Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 389Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 390Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 391Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 392Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 393Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 389
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 30-12: DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param. Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
DO10
VOL
Output Low Voltage
4x Sink Driver Pins(2)
——
0.4
V
VDD = 3.3V,
IOL
 6 mA, -40°C  TA  +85°C,
IOL
 5 mA, +85°C  TA  +125°C
Output Low Voltage
8x Sink Driver Pins(3)
——
0.4
V
VDD = 3.3V,
IOL
 12 mA, -40°C  TA  +85°C,
IOL
 8 mA, +85°C  TA  +125°C
DO20
VOH
Output High Voltage
4x Source Driver Pins(2)
2.4
—
—
V
IOH
 -10 mA, VDD = 3.3V
Output High Voltage
8x Source Driver Pins(3)
2.4
—
—
V
IOH
 -15 mA, VDD = 3.3V
DO20A VOH1
Output High Voltage
4x Source Driver Pins(2)
1.5(1)
——
V
IOH
 -14 mA, VDD = 3.3V
2.0(1)
——
IOH
 -12 mA, VDD = 3.3V
3.0(1)
——
IOH
 -7 mA, VDD = 3.3V
Output High Voltage
8x Source Driver Pins(3)
1.5(1)
——
V
IOH
 -22 mA, VDD = 3.3V
2.0(1)
——
IOH
 -18 mA, VDD = 3.3V
3.0(1)
——
IOH
 -10 mA, VDD = 3.3V
Note 1: Parameters are characterized but not tested.
2: Includes RA0-RA2, RB0-RB1, RB9, RC1-RC2, RC9-RC10, RC12, RD7, RD8, RE4-RE5, RE8-RE9 and
RE12-RE13 pins.
3: Includes all I/O pins that are not 4x driver pins (see Note 2).
TABLE 30-13: ELECTRICAL CHARACTERISTICS: BOR
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)(1)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.(2)
Typ.
Max.
Units
Conditions
BO10
VBOR
BOR Event on VDD Transition
High-to-Low
2.65
—
2.95
V
VDD (Notes 2 and 3)
Note 1:
Device is functional at VBORMIN < VDD < VDDMIN, but will have degraded performance. Device functionality
is tested, but not characterized. Analog modules (ADC, PGAs and comparators) may have degraded
performance.
2:
Parameters are for design guidance only and are not tested in manufacturing.
3:
The VBOR specification is relative to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com