Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 388 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 388 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 384Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 385Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 386Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 387Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 388Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 389Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 390Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 391Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 392Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 388
 2016-2018 Microchip Technology Inc.
DI60a IICL
Input Low Injection Current
0—
-5(5,8)
mA
All pins except VDD, VSS,
AVDD, AVSS, MCLR, VCAP
and RB7
DI60b IICH
Input High Injection Current
0—
+5(6,7,8)
mA
All pins except VDD, VSS,
AVDD, AVSS, MCLR, VCAP,
RB7 and all 5V tolerant
pins(7)
DI60c
IICT
Total Input Injection Current
(sum of all I/O and control
pins)
-20(9)
—+20(9)
mA
Absolute instantaneous
sum of all ± input injection
currents from all I/O pins
(| IICL | + | IICH |)
 IICT
TABLE 30-11: DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.(1)
Max.
Units
Conditions
Note 1:
Data in “Typ.” column is at 3.3V, +25°C unless otherwise stated.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current can be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
See the “Pin Diagrams” section for the 5V tolerant I/O pins.
5:
VIL Source < (VSS – 0.3). Characterized but not tested.
6:
VIH Source > (VDD + 0.3) for pins that are not 5V tolerant only.
7:
Digital 5V tolerant pins do not have internal high-side diodes to VDD and cannot tolerate any “positive”
input injection current.
8:
| Injection Currents | > 0 can affect the ADC results by approximately 4-6 counts.
9:
Any number and/or combination of I/O pins not excluded under IICL or IICH conditions are permitted
provided the mathematical “absolute instantaneous” sum of the input injection currents from all pins do not
exceed the specified limit. Characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com