Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 384 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 384 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 380Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 381Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 382Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 383Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 384Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 385Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 386Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 387Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 388Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 384
 2016-2018 Microchip Technology Inc.
TABLE 30-8:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typ.
Max.
Units
Conditions
Power-Down Current (IPD)(1)
DC60d
15
110
A
-40°C
3.3V
DC60a
20
150
A+25°C
DC60b
150
500
A+85°C
DC60c
500
1200
A
+125°C
Note 1:
IPD (Sleep) current is measured as follows:
• CPU core is off, oscillator is configured in EC mode and external clock is active; OSC1 is driven with
external square wave from rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration Word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• All peripheral modules are disabled (PMDx bits are all set)
• The VREGS bit (RCON<8>) = 0 (i.e., core regulator is set to standby while the device is in Sleep mode)
• The VREGSF bit (RCON<11>) = 0 (i.e., Flash regulator is set to standby while the device is in Sleep mode)
• JTAG is disabled
TABLE 30-9:
DC CHARACTERISTICS: WATCHDOG TIMER DELTA CURRENT (
IWDT)(1)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter No.
Typ.
Max.
Units
Conditions
DC61d
1
10
A-40°C
3.3V
DC61a
1
10
A
+25°C
DC61b
2
17
A
+85°C
DC61c
2
20
A
+125°C
Note 1:
The
IWDT current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current. All parameters are characterized but not tested during manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com