Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 381 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 381 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 377Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 378Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 379Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 380Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 381Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 382Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 383Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 384Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 385Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 381
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 30-5:
FILTER CAPACITOR (CEFC) SPECIFICATIONS
TABLE 30-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)(1)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
Operating Voltage
DC10
VDD
Supply Voltage
3.0
—
3.6
V
DC12
VDR
RAM Retention Voltage(2)
—
—
1.95
V
+25°C, +85°C, +125°C
—
—
2.0
V
-40°C
DC16
VPOR
VDD Start Voltage
to Ensure Internal
Power-on Reset Signal
——
VSS
V
DC17
SVDD
VDD Rise Rate
to Ensure Internal
Power-on Reset Signal
1.0
—
—
V/ms
0V-3V in 3 ms
Note 1: Device is functional at VBORMIN < VDD < VDDMIN. Analog modules (ADC, PGAs and comparators) may
have degraded performance. Device functionality is tested but not characterized. Refer to
Parameter BO10 in Table 30-13 for the minimum and maximum BOR values.
2: This is the limit to which VDD may be lowered and the RAM contents will always be retained.
Standard Operating Conditions (unless otherwise stated):
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristics
Min.
Typ.
Max.
Units
Comments
CEFC
External Filter Capacitor
Value(1)
4.7
—
10
F
Capacitor must have a low
series resistance (<1 Ohm)
Note 1:
Typical VCAP Voltage = 1.8 volts when VDD
 VDDMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com