Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 380 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 380 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 376Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 377Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 378Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 379Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 380Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 381Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 382Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 383Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 384Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 380
 2016-2018 Microchip Technology Inc.
30.1
DC Characteristics
TABLE 30-1:
OPERATING MIPS vs. VOLTAGE
Characteristic
VDD Range
(in Volts)
Temperature Range
(in °C)
Maximum MIPS
dsPIC33EPXXXGS70X/80X Family
—
3.0V to 3.6V(1)
-40°C to +85°C
70
—
3.0V to 3.6V(1)
-40°C to +125°C
60
Note 1:
Device is functional at VBORMIN < VDD < VDDMIN. Analog modules (ADC, PGAs and comparators)
may have degraded performance. Device functionality is tested but not characterized. Refer to
Parameter BO10 in Table 30-13 for the minimum and maximum BOR values.
TABLE 30-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min.
Typ.
Max.
Unit
Industrial Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
Extended Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+140
°C
Operating Ambient Temperature Range
TA
-40
—
+125
°C
Power Dissipation:
Internal Chip Power Dissipation:
PINT = VDD x (IDD –
 IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
I/O =
 ({VDD – VOH} x IOH) +  (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
JA
W
TABLE 30-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ.
Max.
Unit
Notes
Package Thermal Resistance, 80-Pin TQFP 12x12x1 mm
JA
53.0
—
°C/W
1
Package Thermal Resistance, 64-Pin TQFP 10x10x1 mm
JA
49.0
—
°C/W
1
Package Thermal Resistance, 48-Pin TQFP 7x7x1 mm
JA
63.0
—
°C/W
1
Package Thermal Resistance, 44-Pin QFN 8x8 mm
JA
29.0
—
°C/W
1
Package Thermal Resistance, 44-Pin TQFP 10x10x1 mm
JA
50.0
—
°C/W
1
Package Thermal Resistance, 28-Pin QFN-S 6x6x0.9 mm
JA
30.0
—
°C/W
1
Package Thermal Resistance, 28-Pin UQFN 6x6x0.55 mm
JA
26.0
—
°C/W
1
Package Thermal Resistance, 28-Pin SOIC 7.50 mm
JA
70.0
—
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-JA (
JA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com