Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 383 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 383 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 379Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 380Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 381Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 382Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 383Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 384Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 385Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 386Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 387Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 383
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 30-7:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typ.
Max.
Units
Conditions
Idle Current (IIDLE)(1)
DC40d
2
4
mA
-40°C
3.3V
10 MIPS
DC40a
2
4
mA
+25°C
DC40b
2
4
mA
+85°C
DC40c
2
4
mA
+125°C
DC42d
3
6
mA
-40°C
3.3V
20 MIPS
DC42a
3
6
mA
+25°C
DC42b
4
7
mA
+85°C
DC42c
4
7
mA
+125°C
DC44d
6
12
mA
-40°C
3.3V
40 MIPS
DC44a
6
12
mA
+25°C
12
DC44b
6
mA
+85°C
12
DC44c
6
mA
+125°C
DC45d
9
17
mA
-40°C
3.3V
60 MIPS
DC45a
9
17
mA
+25°C
17
DC45b
9
mA
+85°C
17
DC45c
9
mA
+125°C
DC46d
10
20
mA
-40°C
3.3V
70 MIPS
DC46a
10
20
mA
+25°C
20
DC46b
10
mA
+85°C
Note 1:
Base Idle current (IIDLE) is measured as follows:
• CPU core is off, oscillator is configured in EC mode and external clock is active; OSC1 is driven with
external square wave from rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration Word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• No peripheral modules are operating or being clocked (all defined PMDx bits are set)
• The NVMSIDL bit (NVMCON<12>) = 1 (i.e., Flash regulator is set to standby while the device is in Idle
mode)
• The VREGSF bit (RCON<11>) = 0 (i.e., Flash regulator is set to standby while the device is in Sleep mode)
• JTAG is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com