Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 138 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 138 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 134Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 135Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 136Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 137Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 138Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 139Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 140Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 141Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 138
 2016-2018 Microchip Technology Inc.
11.6.4
INPUT MAPPING
The inputs of the Peripheral Pin Select options are
mapped on the basis of the peripheral. That is, a control
register associated with a peripheral dictates the pin it
will be mapped to. The RPINRx registers are used to
configure peripheral input mapping (see Register 11-9
through Register 11-32). Each register contains sets of
8-bit fields, with each set associated with one of the
remappable peripherals. Programming a given periph-
eral’s bit field with an appropriate 8-bit index value maps
the RPn pin with the corresponding value, or internal
signal, to that peripheral. See Table 11-11 for a list of
available inputs.
For example, Figure 11-2 illustrates remappable pin
selection for the U1RX input.
FIGURE 11-2:
REMAPPABLE INPUT FOR
U1RX
11.6.4.1
Virtual Connections
The dsPIC33EPXXXGS70X/80X devices support six
virtual RPn pins (RP176-RP181), which are identical in
functionality to all other RPn pins, with the exception of
pinouts. These six pins are internal to the devices and
are not connected to a physical device pin.
These pins provide a simple way for inter-peripheral
connection without utilizing a physical pin. For
example, the output of the analog comparator can be
connected to RP176 and the PWM Fault input can be
configured for RP176 as well. This configuration allows
the analog comparator to trigger PWM Faults without
the use of an actual physical pin on the device.
TABLE 11-11: REMAPPABLE
SOURCES
VSS
PWM4L
RP16
0
15
16
U1RX Input
U1RXR<7:0>
to Peripheral
RP181
181
Note:
For input only, Peripheral Pin Select func-
tionality does not have priority over TRISx
settings. Therefore, when configuring an
RPn pin for input, the corresponding bit in
the TRISx register must also be configured
for input (set to ‘1’).
Remap Index
Output Function
0VSS
1CMP1
2CMP2
3CMP3
4CMP4
5PWM4H
6PTGO30
7PTGO31
8-11
Reserved
12
REFO
13
SYNCO1
14
SYNCO2
15
PWM4L
16-20
RP16-RP20
21-31
Reserved
32-41
RP32-RP41
42
Reserved
43-58
RP43-RP58
59
Reserved
60-76
RP60-RP76
77-175
Reserved
176-181
RP176-RP181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com