Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 142 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 142 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 138Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 139Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 140Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 141Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 143Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 144Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 145Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 142
 2016-2018 Microchip Technology Inc.
11.7
I/O Helpful Tips
1.
In some cases, certain pins, as defined in
Table 30-11 under “Injection Current”, have internal
protection diodes to VDD and VSS. The term,
“Injection Current”, is also referred to as “Clamp
Current”. On designated pins, with sufficient external
current-limiting precautions by the user, I/O pin
input voltages are allowed to be greater or less
than the data sheet absolute maximum ratings,
with respect to the VSS and VDD supplies. Note
that when the user application forward biases
either of the high or low-side internal input clamp
diodes, that the resulting current being injected
into the device, that is clamped internally by the
VDD and VSS power rails, may affect the ADC
accuracy by four to six counts.
2.
I/O pins that are shared with any analog input pin
(i.e., ANx) are always analog pins, by default, after
any Reset. Consequently, configuring a pin as an
analog input pin automatically disables the digital
input pin buffer and any attempt to read the digital
input level by reading PORTx or LATx will always
return a ‘0’, regardless of the digital logic level on
the pin. To use a pin as a digital I/O pin on a shared
ANx pin, the user application needs to configure the
Analog Pin Configuration registers (i.e., ANSELx) in
the I/O ports module by setting the appropriate bit
that corresponds to that I/O port pin to a ‘0’.
3.
Most I/O pins have multiple functions. Referring to
the device pin diagrams in this data sheet, the prior-
ities of the functions allocated to any pins are
indicated by reading the pin name from left-to-right.
The left most function name takes precedence over
any function to its right in the naming convention.
For example: AN16/T2CK/T7CK/RC1; this indi-
cates that AN16 is the highest priority in this
example and will supersede all other functions to its
right in the list. Those other functions to its right,
even if enabled, would not work as long as any
other function to its left was enabled. This rule
applies to all of the functions listed for a given pin.
4.
Each pin has an internal weak pull-up resistor and
pull-down resistor that can be configured using the
CNPUx and CNPDx registers, respectively. These
resistors eliminate the need for external resistors
in certain applications. The internal pull-up is up to
~(VDD – 0.8), not VDD. This value is still above the
minimum VIH of CMOS and TTL devices.
5.
When driving LEDs directly, the I/O pin can source
or sink more current than what is specified in the
VOH/IOH and VOL/IOL DC characteristics specifica-
tion. The respective IOH and IOL current rating only
applies to maintaining the corresponding output at
or above the VOH, and at or below the VOL levels.
However, for LEDs, unlike digital inputs of an exter-
nally connected device, they are not governed by
the same minimum VIH/VIL levels. An I/O pin output
can safely sink or source any current less than that
listed in the Absolute Maximum Ratings in
Section 30.0 “Electrical Characteristics”of this
data sheet. For example:
VOH = 2.4V @ IOH = -8 mA and VDD = 3.3V
The maximum output current sourced by any 8 mA
I/O pin = 12 mA.
LED source current < 12 mA is technically permitted.
Refer to the VOH/IOH graphs in Section 31.0 “DC
and AC Device Characteristics Graphs” for
additional information.
Note:
Although it is not possible to use a digital
input pin when its analog function is
enabled, it is possible to use the digital I/O
output function, TRISx = 0x0, while the
analog function is also enabled. However,
this is not recommended, particularly if the
analog input is connected to an external
analog voltage source, which would
create signal contention between the
analog signal and the output pin driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com