Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 146 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 146 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 143Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 144Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 145Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 146Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 147Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 148Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 149Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 146
 2016-2018 Microchip Technology Inc.
REGISTER 11-13: RPINR7: PERIPHERAL PIN SELECT INPUT REGISTER 7
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IC2R7
IC2R6
IC2R5
IC2R4
IC2R3
IC2R2
IC2R1
IC2R0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IC1R7
IC1R6
IC1R5
IC1R4
IC1R3
IC1R2
IC1R1
IC1R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
IC2R<7:0>: Assign Input Capture 2 (IC2) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.
bit 7-0
IC1R<7:0>: Assign Input Capture 1 (IC1) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.
REGISTER 11-14: RPINR8: PERIPHERAL PIN SELECT INPUT REGISTER 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IC4R7
IC4R6
IC4R5
IC4R4
IC4R3
IC4R2
IC4R1
IC4R0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IC3R7
IC3R6
IC3R5
IC3R4
IC3R3
IC3R2
IC3R1
IC3R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
IC4R<7:0>: Assign Input Capture 4 (IC4) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.
bit 7-0
IC3R<7:0>: Assign Input Capture 3 (IC3) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com