Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 145 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 145 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 141Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 143Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 144Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 145Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 146Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 147Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 148Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 145
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 11-11: RPINR2: PERIPHERAL PIN SELECT INPUT REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T1CKR7
T1CKR6
T1CKR5
T1CKR4
T1CKR3
T1CKR2
T1CKR1
T1CKR0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
T1CKR<7:0>: Assign Timer1 External Clock (T1CK) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.
bit 7-0
Unimplemented: Read as ‘0’
REGISTER 11-12: RPINR3: PERIPHERAL PIN SELECT INPUT REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T3CKR7
T3CKR6
T3CKR5
T3CKR4
T3CKR3
T3CKR2
T3CKR1
T3CKR0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T2CKR7
T2CKR6
T2CKR5
T2CKR4
T2CKR3
T2CKR2
T2CKR1
T2CKR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
T3CKR<7:0>: Assign Timer3 External Clock (T3CK) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.
bit 7-0
T2CKR<7:0>: Assign Timer2 External Clock (T2CK) to the Corresponding RPn Pin bits
See Table 11-11 which contains a list of remappable inputs for the index value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com