Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 141 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 141 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 137Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 138Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 139Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 140Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 141Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 143Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 144Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 141
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 11-13: OUTPUT SELECTION FOR REMAPPABLE PINS (RPn)
Function
RPnR<6:0>
Output Name
Default PORT
0000000
RPn tied to Default Pin
U1TX
0000001
RPn tied to UART1 Transmit
U1RTS
0000010
RPn tied to UART1 Request-to-Send
U2TX
0000011
RPn tied to UART2 Transmit
U2RTS
0000100
RPn tied to UART2 Request-to-Send
SDO1
0000101
RPn tied to SPI1 Data Output
SCK1
0000110
RPn tied to SPI1 Clock Output
SS1
0000111
RPn tied to SPI1 Slave Select
SDO2
0001000
RPn tied to SPI2 Data Output
SCK2
0001001
RPn tied to SPI2 Clock Output
SS2
0001010
RPn tied to SPI2 Slave Select
C1TX
0001110
RPn tied to CAN1 Transmit
C2TX
0001111
RPn tied to CAN2 Transmit
OC1
0010000
RPn tied to Output Compare 1 Output
OC2
0010001
RPn tied to Output Compare 2 Output
OC3
0010010
RPn tied to Output Compare 3 Output
OC4
0010011
RPn tied to Output Compare 4 Output
ACMP1
0011000
RPn tied to Analog Comparator 1 Output
ACMP2
0011001
RPn tied to Analog Comparator 2 Output
ACMP3
0011010
RPn tied to Analog Comparator 3 Output
SDO3
0011111
RPn tied to SPI3 Data Output
SCK3
0100000
RPn tied to SPI3 Clock Output
SS3
0100001
RPn tied to SPI3 Slave Select
SYNCO1
0101101
RPn tied to PWM Primary Master Time Base Sync Output
SYNCO2
0101110
RPn tied to PWM Secondary Master Time Base Sync Output
REFCLKO
0110001
RPn tied to Reference Clock Output
ACMP4
0110010
RPn tied to Analog Comparator 4 Output
PWM4H
0110011
RPn tied to PWM Output Pins Associated with PWM Generator 4
PWM4L
0110100
RPn tied to PWM Output Pins Associated with PWM Generator 4
PWM5H
0110101
RPn tied to PWM Output Pins Associated with PWM Generator 5
PWM5L
0110110
RPn tied to PWM Output Pins Associated with PWM Generator 5
PWM6H
0111001
RPn tied to PWM Output Pins Associated with PWM Generator 6
PWM6L
0111010
RPn tied to PWM Output Pins Associated with PWM Generator 6
PWM7H
0111011
RPn tied to PWM Output Pins Associated with PWM Generator 7
PWM7L
0111100
RPn tied to PWM Output Pins Associated with PWM Generator 7
PWM8H
0111101
RPn tied to PWM Output Pins Associated with PWM Generator 8
PWM8L
0111110
RPn tied to PWM Output Pins Associated with PWM Generator 8
CLC1OUT
0111111
RPn tied to CLC1 Output
CLC2OUT
1000000
RPn tied to CLC2 Output
CLC3OUT(1)
1000001
RPn tied to CLC3 Output
CLC4OUT(1)
1000010
RPn tied to CLC4 Output
Note 1:
PPS outputs are only available on dsPIC33EPXXXGS702 (28-pin) devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com