Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 113 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 113 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 109Page - Analog Devices AD9161BBCZ Datasheet HTML 110Page - Analog Devices AD9161BBCZ Datasheet HTML 111Page - Analog Devices AD9161BBCZ Datasheet HTML 112Page - Analog Devices AD9161BBCZ Datasheet HTML 113Page - Analog Devices AD9161BBCZ Datasheet HTML 114Page - Analog Devices AD9161BBCZ Datasheet HTML 115Page - Analog Devices AD9161BBCZ Datasheet HTML 116Page - Analog Devices AD9161BBCZ Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 113 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0100 Sample 4.
0101 Sample 5.
0110 Sample 6.
0111 Sample 7.
1000 Sample 8.
1001 Sample 9.
1010 Sample 10.
1011 Sample 11.
1100 Sample 12.
1101 Sample 13.
1110 Sample 14.
1111 Sample 15.
[3:2] SHORT_TPL_M_SEL
Short transport layer test DAC
selection. Select which DAC to
check.
0x0
R/W
00 DAC 0.
01 DAC 1.
10 DAC 2.
11 DAC 3.
1
SHORT_TPL_TEST_RESET
Short transport layer test reset.
Resets the result of short
transport layer test.
0x0
R/W
0 Not reset.
1 Reset.
0
SHORT_TPL_TEST_EN
Short transport layer test
enable. Enable short transport
layer test.
0x0
R/W
0 Disable.
1 Enable.
0x32D SHORT_TPL_TEST_1
[7:0] SHORT_TPL_REF_SP_LSB
Short transport layer reference
sample LSB. This is the lower
eight bits of expected DAC
sample. It is used to compare
with the received DAC sample
at the output of JESD204B Rx.
0x0
R/W
0x32E SHORT_TPL_TEST_2
[7:0] SHORT_TPL_REF_SP_MSB
Short transport layer test
reference sample MSB. This is
the upper eight bits of
expected DAC sample. It is used
to compare with the received
sample at JESD204B Rx output.
0x0
R/W
0x32F SHORT_TPL_TEST_3
[7:1] RESERVED
Reserved.
0x0
R
0
SHORT_TPL_FAIL
Short transport layer test fail.
This bit shows if the selected
DAC sample matches the
reference sample. If they match,
the test passes; otherwise, the
test fails.
0x0
R
0 Test pass.
1 Test fail.
0x334 JESD_BIT_INVERSE_CTRL
[7:0] JESD_BIT_INVERSE
Each bit of this byte inverses
the JESD204B deserialized data
from one specific JESD204B Rx
PHY. The bit order matches the
logical lane order. For example,
Bit 0 controls Lane 0, Bit 1
controls Lane 1.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com