Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 112 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 112 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 108Page - Analog Devices AD9161BBCZ Datasheet HTML 109Page - Analog Devices AD9161BBCZ Datasheet HTML 110Page - Analog Devices AD9161BBCZ Datasheet HTML 111Page - Analog Devices AD9161BBCZ Datasheet HTML 112Page - Analog Devices AD9161BBCZ Datasheet HTML 113Page - Analog Devices AD9161BBCZ Datasheet HTML 114Page - Analog Devices AD9161BBCZ Datasheet HTML 115Page - Analog Devices AD9161BBCZ Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 112 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x317 PHY_PRBS_TEST_THRESHOLD_LOBITS
[7:0] PHY_PRBS_THRESHOLD_LOBITS
Bits[7:0] of the 24-bit threshold
value set the error flag for PHY
PRBS test.
0x0
R/W
0x318 PHY_PRBS_TEST_THRESHOLD_MIDBITS [7:0] PHY_PRBS_THRESHOLD_MIDBITS
Bits[15:8] of the 24-bit
threshold value set the error
flag for PHY PRBS test.
0x0
R/W
0x319 PHY_PRBS_TEST_THRESHOLD_HIBITS
[7:0] PHY_PRBS_THRESHOLD_HIBITS
Bits[23:16] of the 24-bit
threshold value set the error
flag for PHY PRBS test.
0x0
R/W
0x31A PHY_PRBS_TEST_ERRCNT_LOBITS
[7:0] PHY_PRBS_ERR_CNT_LOBITS
Bits[7:0] of the 24-bit reported
PHY BER test error count from
selected lane.
0x0
R
0x31B PHY_PRBS_TEST_ERRCNT_MIDBITS
[7:0] PHY_PRBS_ERR_CNT_MIDBITS
Bits[15:8] of the 24-bit reported
PHY BER test error count from
selected lane.
0x0
R
0x31C PHY_PRBS_TEST_ERRCNT_HIBITS
[7:0] PHY_PRBS_ERR_CNT_HIBITS
Bits[23:16] of the 24-bit
reported PHY BER test error
count from selected lane.
0x0
R
0x31D PHY_PRBS_TEST_STATUS
[7:0] PHY_PRBS_PASS
Each bit is for the
corresponding lane. Report PHY
BER test pass/fail for each lane.
0xFF
R
0x31E PHY_DATA_SNAPSHOT_CTRL
[7:5] RESERVED
Reserved.
0x0
R
[4:2] PHY_GRAB_LANE_SEL
Select which lane to grab data.
0x0
R/W
000 Grab data from Lane 0.
001 Grab data from Lane 1.
010 Grab data from Lane 2.
011 Grab data from Lane 3.
100 Grab data from Lane 4.
101 Grab data from Lane 5.
110 Grab data from Lane 6.
111 Grab data from Lane 7.
1
PHY_GRAB_MODE
Use error trigger to grab data.
0x0
R/W
0 Grab data when
PHY_GRAB_DATA is set.
1 Grab data upon bit error.
0
PHY_GRAB_DATA
Transition from 0 to 1 causes
logic to store current receive
data from one lane.
0x0
R/W
0x31F PHY_SNAPSHOT_DATA_BYTE0
[7:0] PHY_SNAPSHOT_DATA_BYTE0
Current data received
represents
PHY_SNAPSHOT_DATA[7:0].
0x0
R
0x320 PHY_SNAPSHOT_DATA_BYTE1
[7:0] PHY_SNAPSHOT_DATA_BYTE1
Current data received
represents
PHY_SNAPSHOT_DATA[15:8].
0x0
R
0x321 PHY_SNAPSHOT_DATA_BYTE2
[7:0] PHY_SNAPSHOT_DATA_BYTE2
Current data received
represents
PHY_SNAPSHOT_DATA[23:16].
0x0
R
0x322 PHY_SNAPSHOT_DATA_BYTE3
[7:0] PHY_SNAPSHOT_DATA_BYTE3
Current data received
represents
PHY_SNAPSHOT_DATA[31:24].
0x0
R
0x323 PHY_SNAPSHOT_DATA_BYTE4
[7:0] PHY_SNAPSHOT_DATA_BYTE4
Current data received
represents
PHY_SNAPSHOT_DATA[39:32].
0x0
R
0x32C SHORT_TPL_TEST_0
[7:4] SHORT_TPL_SP_SEL
Short transport layer sample
selection. Select which sample
to check from a specific DAC.
0x0
R/W
0000 Sample 0.
0001 Sample 1.
0010 Sample 2.
0011 Sample 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com