Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 118 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 118 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 114Page - Analog Devices AD9161BBCZ Datasheet HTML 115Page - Analog Devices AD9161BBCZ Datasheet HTML 116Page - Analog Devices AD9161BBCZ Datasheet HTML 117Page - Analog Devices AD9161BBCZ Datasheet HTML 118Page - Analog Devices AD9161BBCZ Datasheet HTML 119Page - Analog Devices AD9161BBCZ Datasheet HTML 120Page - Analog Devices AD9161BBCZ Datasheet HTML 121Page - Analog Devices AD9161BBCZ Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 118 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x450 ILS_DID
[7:0] DID
Device (= link) identification
number. DID is the device ID
number. Link information
received on Lane 0 as specified
in Section 8.3 of JESD204B.
Must be set to the value read in
Register 0x400. This signal must
only be programmed while the
QBD is held in soft reset
(Register 0x475, Bit 3), and must
not be changed during normal
operation.
0x0
R/W
0x451 ILS_BID
[7:0] BID
Bank ID, extension to DID. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
0x452 ILS_LID0
7
RESERVED
Reserved.
0x0
R
6
ADJDIR
Direction to adjust DAC LMFC
(Subclass 2 only). ADJDIR is the
direction to adjust DAC LMFC.
Link information received on
Lane 0 as specified in Section
8.3 of JESD204B. This signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3), and
must not be changed during
normal operation.
0x0
R/W
5
PHADJ
Phase adjustment to DAC
(Subclass 2 only). PHADJ is the
phase adjustment request to
the DAC. Link information
received on Lane 0 as specified
in Section 8.3 of JESD204B. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
[4:0] LID0
Lane identification number
(within link). LID0 is the lane
identification for Lane 0. Link
information received on Lane 0
as specified in Section 8.3 of
JESD204B. This signal must only
be programmed while the QBD
is held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
0x453 ILS_SCR_L
7
SCR
Scramble enable. SCR is the Rx
descrambling enable. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x1
R/W
0 Descrambling is disabled.
1 Descrambling is enabled.
[6:5] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com