Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 119 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 119 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 115Page - Analog Devices AD9161BBCZ Datasheet HTML 116Page - Analog Devices AD9161BBCZ Datasheet HTML 117Page - Analog Devices AD9161BBCZ Datasheet HTML 118Page - Analog Devices AD9161BBCZ Datasheet HTML 119Page - Analog Devices AD9161BBCZ Datasheet HTML 120Page - Analog Devices AD9161BBCZ Datasheet HTML 121Page - Analog Devices AD9161BBCZ Datasheet HTML 122Page - Analog Devices AD9161BBCZ Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 119 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
[4:0] L
Number of lanes per converter
(minus 1). L is the number of
lanes per converter device.
Settings of 1, 2, 3, 4, 6, and 8 are
valid. Refer to Table 16 and
Table 17.
0x7
R
0x454 ILS_F
[7:0] F
Number of octets per frame
(minus 1). This value of F is not
used to soft configure the QBD.
Register CTRLREG1 is used to
soft-configure the QBD.
0x0
R
0x455 ILS_K
[7:5] RESERVED
Reserved.
0x0
R
[4:0] K
Number of frames per
multiframe (minus 1). K is the
number of frames per
multiframe. On this device, all
modes use K = 32 (value in
register is K − 1). This signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3), and
must not be changed during
normal operation.
0x1F
R/W
01111 16 frames per multiframe.
11111 32 frames per multiframe.
0x456 ILS_M
[7:0] M
Number of converters per
device (minus 1). M is the
number of converters/device.
Settings of 1 and 2 are valid.
Refer to Table 16 and Table 17.
0x1
R
0x457 ILS_CS_N
[7:6] CS
Number of control bits per
sample. CS is the number of
control bits per sample. Must be
set to 0. Control bits are not
supported.
0x0
R
5
RESERVED
Reserved.
0x0
R
[4:0] N
Converter resolution (minus 1).
N is the converter resolution.
Must be set to 16 (0x0F).
0xF
R
0x458 ILS_NP
[7:5] SUBCLASSV
Device subclass version.
SUBCLASSV is the device
subclass version. This signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3), and
must not be changed during
normal operation.
0x0
R/W
000 Subclass 0.
001 Subclass 1.
010 Subclass 2 (not supported.)
[4:0] NP
Total number of bits per sample
(minus 1) NP is the total
number of bits per sample.
Must be set to 16 (0x0F). Refer
to Table 16 and Table 17.
0xF
R
0x459 ILS_S
[7:5] JESDV
JESD204x version. JESDV is the
JESD204x version. This signal
must only be programmed while
the QBD is held in soft reset
(Register 0x475, Bit 3), and must
not be changed during normal
operation.
0x0
R/W
000 JESD204A.
001 JESD204B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com