Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 29 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 25Page - Analog Devices ADPD4200 Datasheet HTML 26Page - Analog Devices ADPD4200 Datasheet HTML 27Page - Analog Devices ADPD4200 Datasheet HTML 28Page - Analog Devices ADPD4200 Datasheet HTML 29Page - Analog Devices ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 93
Connection Modulation
The ADPD4200 uses three different types of modulation connec-
tions to a sensor, controlled by the MOD_TYPE_x bits. Table 18
shows the different functions controlled by this register. The default
mode of operation is MOD_TYPE_x = 0, which is the mode where
there is no modulation of the input connection, and is the mode
used as described in the Using LED as Stimulus section.
Table 18. Modulation Connections Based on MOD_TYPE_x
MOD_TYPE_x Connect Function
0
TIA is continuously connected to INx after the precondition
period. There is no modulation of the input connection.
1
Float mode operation. The TIA is connected to INx only during
the modulation pulse and disconnected (floated) between pulses.
2
Nonfloat mode connection modulation. The TIA is connected
to INx during the modulation pulse and connected to the
precondition value between pulses.
Float Mode Operation
The ADPD4200 has a unique operating mode, float mode, that
allows high SNR at low power in low light situations. In float mode,
the photodiode is first preconditioned to a known state. Then, the
photodiode anode is disconnected from the receive path of the
device for a preset amount of float time. During the float time, light
falls on the photodiode, either from ambient light, pulsed LED light,
or a combination of the two depending on the operating mode.
Charge from the sensor is stored directly on the capacitance of
the sensor, CPD. At the end of the float time, the photodiode is
switched into the receive path of the ADPD4200 and an inrush of
the accumulated charge occurs, which is then integrated, allowing
the maximum amount of charge to be processed per pulse with the
minimum amount of noise added by the signal path. The charge
is integrated externally on the capacitance of the photodiode for
as long as it takes to acquire maximum charge, independent of
the amplifiers of the signal path, effectively integrating noise free
charge. Float mode allows the user the flexibility to increase the
amount of charge per measurement by either increasing the LED
drive current or by increasing the float time.
In float mode, the signal path bypasses the BPF and uses only the
TIA and integrator. The BPF is bypassed because the shape of the
signal produced when transferring the charge from the photodiode
by modulating the connection to the TIA can differ across devices
and conditions. A filtered signal from the BPF is not able to be
reliably aligned with the integration sequence. Therefore, the BPF
cannot be used. In float mode, the entire charge transfer is integrat-
ed in the negative cycle of the integrator, and the positive cycle
cancels any offsets.
Float LED Mode for Synchronous LED
Measurements
Float LED mode is desirable in low signal conditions where the
CTR is below 5 nA/mA. In addition, float mode is an ideal option
when limiting the LED drive current of the green LEDs in a heart
rate measurement to keep the forward voltage drop of the green
LED to a level that allows the elimination of a boost converter for
the LED supply. For example, the LED current can be limited to
10 mA to ensure that the LED voltage drop is ~3 V so that it can op-
erate directly from the battery without the need of a boost converter.
Float mode accumulates the received charge during longer LED
pulses without adding noise from the signal path, effectively yielding
the highest SNR per photon attainable.
In float LED mode, multiple pulses are used to cancel electrical
offsets, drifts, and ambient light. To achieve this ambient light
rejection, an even number of equal length pulses is used. For every
pair of pulses, the LED flashes in one of the pulses and does not
flash in the other. The return from the combination of the LED,
ambient light, and offset is present in one of the pulses. In the other,
only the ambient light and offset are present. A subtraction of the
two pulses is made that eliminates ambient light as well as any
offset and drift. It is recommended to use groups of four pulses for
measurement where the LED is flashed on Pulse 2 and
Pulse 3. The accumulator adds Pulse 2 and Pulse 3 and then
subtracts Pulse 1 and Pulse 4. To gain additional SNR, use multiple
groups of four pulses.
For each group of four pulses, the settings of LED_DISABLE_x
determine if the LED flashes in a specific pulse position. Which
pulse positions are added or subtracted is configured in the SUB-
TRACT_x bits. These sequences are repeated in groups of four
pulses. The value written to the FIFO or data registers is dependent
on the total number of pulses per sample period. With NUM_INT_x
set to 1, NUM_REPEAT_x determines the total number of pulses.
For example, if the device is set up for 32 pulses, the four pulse
sequence, as defined in LED_DISABLE_x and SUBTRACT_x, re-
peats eight times and a single register or FIFO write of the final
value based on 32 pulses executes.
In float mode, the MIN_PERIOD_x bits must be set to control
the pulse period. The automatic period calculation is not designed
to work with float mode. Set the MIN_PERIOD_x bits, in 1 μs
increments, to accommodate the amount of float time and connect
time required.
Placement of the integration sequence is such that the negative
phase of the integration is centered on the charge transfer phase.
The TIA is an inverting stage. Therefore, placing the negative
phase of the integration during the transferring of the charge from
the photodiode causes the integrator to increase with the negative
going output signal from the TIA.
In the example shown in Figure 27, the LED flashes in the second
and third pulses of the four pulse sequence. SUBTRACT_x is set
up to add the second and third pulses while subtracting the first and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com