Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 33 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 29Page - Analog Devices ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 33 of 93
Figure 30. Timing Diagram for Pulse Connect Modulation
Figure 31. Timing Diagram for Modulate Stimulus Operation
Table 20. Modulate Stimulus Settings
Group
Time Slot A Register Address1 Bit Field Name
Description
Modulate Stimulus Set-
up
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF.
0x0102, Bits[15:12], 0x0102,
Bits[3:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x5 to precondition sensor to TIA_VREF.
0x0103, Bits[11:10], 0x0103,
Bits[5:4]
VCx_PULSE_x
VCx pulse control. Set to 0x2 to pulse to the alternate voltage during a modulation
pulse.
0x0103, Bits[9:8], 0x0103,
Bits[3:2]
VCx_ALT_x
Select the alternate state for VCx during the modulation pulse.
0x0103, Bits[7:6], 0x0103
Bits[1:0]
VCx_SEL_x
Set to 0x1 to set VCx to TIA_VREF as primary state.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Modulate Stimulus Tim-
ing
0x010C, Bits[7:0]
MOD_OFFSET_x
Sets start time of first modulation pulse in 1 μs increments.
0x010C, Bits[15:8]
MOD_WIDTH_x
Sets width of modulation pulse in 1 μs increments. Typical values of 6 μs to 12 μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com