Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 71 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 67Page - Analog Devices ADPD4200 Datasheet HTML 68Page - Analog Devices ADPD4200 Datasheet HTML 69Page - Analog Devices ADPD4200 Datasheet HTML 70Page - Analog Devices ADPD4200 Datasheet HTML 71Page - Analog Devices ADPD4200 Datasheet HTML 72Page - Analog Devices ADPD4200 Datasheet HTML 73Page - Analog Devices ADPD4200 Datasheet HTML 74Page - Analog Devices ADPD4200 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 71 of 93
INTERRUPT STATUS AND CONTROL REGISTERS
Table 27. Interrupt Status and Control Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access1
0x0000
FIFO_STATUS
15
CLEAR_FIFO
Clear FIFO. Write a 1 to empty the FIFO while the FIFO is not
being accessed, which resets FIFO_BYTE_COUNT and clears the
INT_FIFO_OFLOW, INT_FIFO_UFLOW, and INT_FIFO_TH status
bits.
0x0
R/W1C
14
INT_FIFO_UFLOW
FIFO Underflow Error. This bit is set when the FIFO is read while
empty. Write 1 to this bit to clear the interrupt. This bit is also cleared
if the FIFO is cleared using the CLEAR_FIFO bit.
0x0
R/W1C
13
INT_FIFO_OFLOW
FIFO Overflow Error. This bit is set when data was not written to the
FIFO due to lack of space. Write 1 to this bit to clear the interrupt.
This bit is also cleared if the FIFO is cleared with the CLEAR_FIFO
bit.
0x0
R/W1C
[12:11]
Reserved
Reserved.
0x0
R
[10:0]
FIFO_BYTE_COUNT
This field indicates the number of bytes in the FIFO.
0x0
R
0x0001
INT_STATUS_DATA
15
INT_FIFO_TH
FIFO_TH Interrupt Status. This bit is set during a FIFO write when
the number of bytes in the FIFO exceeds the FIFO_TH register
value. Write 1 to this bit to clear this interrupt. This bit can also be
automatically cleared when the FIFO_DATA register is read if the
INT_ACLEAR_FIFO bit is set.
0x0
R/W1C
[14:12]
Reserved
Reserved.
0x0
R
11
INT_DATA_L
Time Slot L Data Register Interrupt Status. This bit is set every time
the Time Slot L data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot L data registers are read if the INT_ACLEAR_DATA_L bit is set.
0x0
R/W1C
10
INT_DATA_K
Time Slot K Data Register Interrupt Status. This bit is set every time
the Time Slot K data registers get updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot K data registers are read if the INT_ACLEAR_DATA_K bit is set.
0x0
R/W1C
9
INT_DATA_J
Time Slot J Data Register Interrupt Status. This bit is set every time
the Time Slot J data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot J data registers are read if the INT_ACLEAR_DATA_J bit is set.
0x0
R/W1C
8
INT_DATA_I
Time Slot I Data Register Interrupt Status. This bit is set every time
the Time Slot I data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot I data registers are read if the INT_ACLEAR_DATA_I bit is set.
0x0
R/W1C
7
INT_DATA_H
Time Slot H Data Register Interrupt Status. This bit is set every time
the Time Slot H data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot H data registers are read if the INT_ACLEAR_DATA_H bit is set.
0x0
R/W1C
6
INT_DATA_G
Time Slot G Data Register Interrupt Status. This bit is set every time
the Time Slot G data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot G data registers are read if the INT_ACLEAR_DATA_G bit is
set.
0x0
R/W1C
5
INT_DATA_F
Time Slot F Data Register Interrupt Status. This bit is set every time
the Time Slot F data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot F data registers are read if the INT_ACLEAR_DATA_F bit is set.
0x0
R/W1C
4
INT_DATA_E
Time Slot E Data Register Interrupt Status. This bit is set every time
the Time Slot E data registers are updated. Write 1 to this bit to clear
the interrupt. The interrupt is cleared automatically when the Time
Slot E data registers are read if the INT_ACLEAR_DATA_E bit is set.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com