Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 84 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 80Page - Analog Devices ADPD4200 Datasheet HTML 81Page - Analog Devices ADPD4200 Datasheet HTML 82Page - Analog Devices ADPD4200 Datasheet HTML 83Page - Analog Devices ADPD4200 Datasheet HTML 84Page - Analog Devices ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices ADPD4200 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 84 of 93
Table 32. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x0201
TS_PATH_I
[8:0]
AFE_PATH_CFG_x
Signal Path Selection.
0x0DA
R/W
0x0221
TS_PATH_J
0x0DA: TIA, BPF, integrator, and ADC.
0x0241
TS_PATH_K
0x0E6: TIA, integrator, and ADC.
0x0261
TS_PATH_L
0x106: TIA and ADC.
0x101: ADC.
0x0E1: buffer and ADC.
0x0102
INPUTS_A
[15:12]
INP78_x
IN7 and IN8 Input Pair Enable.
0x0
R/W
0x0122
INPUTS_B
0000: input pair disabled. IN7 and IN8 disconnected.
0x0142
INPUTS_C
0001: IN7 connected to Channel 1. IN8 disconnected.
0x0162
INPUTS_D
0010: IN7 connected to Channel 2. IN8 disconnected.
0x0182
INPUTS_E
0011: IN7 disconnected. IN8 connected to Channel 1.
0x01A2
INPUTS_F
0100: IN7 disconnected. IN8 connected to Channel 2.
0x01C2
INPUTS_G
0101: IN7 connected to Channel 1. IN8 connected to Channel 2.
0x01E2
INPUTS_H
0110: IN7 connected to Channel 2. IN8 connected to Channel 1.
0x0202
INPUTS_I
0111: IN7 and IN8 connected to Channel 1. Single-ended or
0x0222
INPUTS_J
differentially based on PAIR78.
0x0242
INPUTS_K
1000: IN7 and IN8 connected to Channel 2. Single-ended or
0x0262
INPUTS_L
differentially based on PAIR78.
[11:4]
Reserved
Reserved.
0x0
R
[3:0]
INP12_x
IN1 and IN2 Input Pair Enable.
0x0
R/W
0000: input pair disabled. IN1 and IN2 disconnected.
0001: IN1 connected to Channel 1. IN2 disconnected.
0010: IN1 connected to Channel 2. IN2 disconnected.
0011: IN1 disconnected. IN2 connected to Channel 1.
0100: IN1 disconnected. IN2 connected to Channel 2.
0101: IN1 connected to Channel 1. IN2 connected to Channel 2.
0110: IN1 connected to Channel 2. IN2 connected to Channel 1.
0111: IN1 and IN2 connected to Channel 1. Single-ended or differentially
based on PAIR12.
1000: IN1 and IN2 connected to Channel 2. Single-ended or differentially
based on PAIR12.
0x0103
CATHODE_A
15
Reserved
Reserved.
0x0
R
0x0123
CATHODE_B
[14:12]
PRECON_x
Precondition Value for Enabled Inputs During Time Slot x.
0x0
R/W
0x0143
CATHODE_C
000: float input(s).
0x0163
CATHODE_D
001: precondition to VC1.
0x0183
CATHODE_E
010: precondition to VC2.
0x01A3
CATHODE_F
011: precondition to VICM. Used when inputs are configured differentially.
0x01C3
CATHODE_G
0x01E3
CATHODE_H
100: precondition with TIA input.
0x0203
CATHODE_I
101: precondition with TIA_VREF.
0x0223
CATHODE_J
110: precondition by shorting differential pair.
0x0243
CATHODE_K
[11:10]
VC2_PULSE_x
VC2 Pulse Control for Time Slot x.
0x0
R/W
0x0263
CATHODE_L
00: no pulsing.
01: alternate VC2 on each subsequent Time Slot x.
10: pulse to alternate value specified in VC2_ALT_x using modulation
pulse.
[9:8]
VC2_ALT_x
VC2 Alternate Pulsed State for Time Slot x.
0x0
R/W
00: VDD.
01: TIA_VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com