Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 5Page - Analog Devices ADPD4200 Datasheet HTML 6Page - Analog Devices ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices ADPD4200 Datasheet HTML 10Page - Analog Devices ADPD4200 Datasheet HTML 11Page - Analog Devices ADPD4200 Datasheet HTML 12Page - Analog Devices ADPD4200 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
Data Sheet
ADPD4200
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 93
Table 8.
Parameter
Rating
AVDD to AGND
−0.3 V to +2.2 V
DVDD1 to DGND
−0.3 V to +2.2 V
IOVDD to DGND
−0.3 V to +3.9 V
GPIOx, MOSI, MISO, SCLK, CS
−0.3 V to +3.9 V
LEDxx to LGND
−0.3 V to +3.9 V
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 9. Thermal Resistance
Package Type1
θJA
θJC
Unit
CB-24-5
46
1.154
°C/W
1 The thermal resistance values are defined as per the JESD51-12 standard.
RECOMMENDED SOLDERING PROFILE
Figure 3. Recommended Soldering Profile
Table 10.
Profile Feature
Condition (Pb-Free)
Average Ramp Rate (TL to TP)
3°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time (TSMIN to TSMAX) (tS)
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec maximum
Time Maintained Above Liquidous
Temperature
Table 10.
Profile Feature
Condition (Pb-Free)
Liquidous Temperature (TL)
217°C
Time (tL)
60 sec to 150 sec
Peak Temperature (TP)
+260 (+0/−5)°C
Time Within 5°C of Actual Peak
Temperature (tP)
<30 sec
Ramp-Down Rate
6°C/sec maximum
Time from 25°C to Peak Temperature
8 minutes maximum
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001 and
charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADPD4200
Table 11. ADPD4200, 24-Ball WLCSP
ESD Model
Withstand Threshold (V)
Class
HBM
2500
2
CDM
1250
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com