Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 2Page - Analog Devices ADPD4200 Datasheet HTML 3Page - Analog Devices ADPD4200 Datasheet HTML 4Page - Analog Devices ADPD4200 Datasheet HTML 5Page - Analog Devices ADPD4200 Datasheet HTML 6Page - Analog Devices ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices ADPD4200 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Data Sheet
ADPD4200
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 93
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC Saturation Level2
TIA feedback resistor
12.5 kΩ
67
μA
25 kΩ
33
μA
50 kΩ
16.7
μA
100 kΩ
8.37
μA
200 kΩ
4.19
μA
FULL SIGNAL CONVERSIONS
TIA Linear Dynamic Range (per Channel)
Total input current, 1% compression point, TIA_VREF = 1.265 V
12.5 kΩ
72
μA
25 kΩ
38
μA
50 kΩ
18.7
μA
100 kΩ
9.3
μA
200 kΩ
4.6
μA
SYSTEM PERFORMANCE
Referred to Input Noise
Single integration mode, single pulse, single channel, floating input,
TIA_VREF = 1.265 V, 3 μs integration time
12.5 kΩ TIA gain
8.2
nA rms
25 kΩ TIA gain
4.1
nA rms
50 kΩ TIA gain
2.2
nA rms
100 kΩ TIA gain
1.2
nA rms
200 kΩ TIA gain
0.61
nA rms
Referred to Input Noise
Single integration mode, single pulse, single channel, 90% full‑scale input
signal, no ambient light, TIA_VREF = 1.265 V, VCx = TIA_VREF + 250
mV, 2 μs LED pulse, photodiode capacitance (CPD) = 70 pF, input resistor
= 500 Ω
12.5 kΩ TIA gain
10.3
nA rms
25 kΩ TIA gain
5.3
nA rms
50 kΩ TIA gain
2.7
nA rms
100 kΩ TIA gain
1.5
nA rms
200 kΩ TIA gain
0.97
nA rms
SNR
12.5 kΩ TIA gain, single pulse
76
dB
25 kΩ TIA gain, single pulse
76
dB
50 kΩ TIA gain, single pulse
75
dB
100 kΩ TIA gain, single pulse
74
dB
200 kΩ TIA gain, single pulse
72
dB
100 kΩ TIA gain, 100 Hz ODR, 80 pulses, CPD = 70 pF, 0.5 Hz to 10 Hz
bandwidth
105
dB
AC Ambient Light Rejection
DC to 1 kHz, linear range of TIA
60
dB
DC Power Supply Rejection Ratio (DC PSRR)
At 75% full-scale input
50
dB
1 ADC resolution is listed per pulse. If using multiple pulses, divide by the number of pulses.
2 ADC saturation level applies to pulsed signal only, because ambient signal is rejected prior to ADC conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com