Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 36 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices ADPD4200 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 36 of 93
DIGITAL INTEGRATION MODE
The ADPD4200 supports a digital integration mode to accommo-
date sensors that require longer pulses than can be supported
in the typical analog integration modes. Digital integration mode
allows the system to use a larger LED duty cycle than the analog
integration modes, which may result in the highest achievable
levels of SNR.
Figure 33. Signal Path for Digital Integration Mode
In digital integration mode, the BPF is bypassed and the integrator
is configured as a buffer, resulting in the signal path shown in
Figure 33. Digital integration regions are configured by the user
and separated into lit and dark regions. The LED is pulsed in the
lit region, and the LED is off in the dark region. ADC samples are
taken at 1 μs intervals within the lit and dark regions and are then
digitally integrated. The integration of the ADC samples from the
dark region is subtracted from the integration of the ADC samples
from the lit region and the result is written into the relevant signal
output data registers. The sum of the samples from just the dark
region is available in the dark output data registers. Both signal and
dark values can be written to the FIFO.
The ADPD4200 support one-region and two-region digital integra-
tion modes. In one-region digital integration mode, an equal number
of dark and lit samples are taken where all of the dark samples are
taken in the dark region just prior to the lit region. One-region digital
integration mode is illustrated in the timing diagram in
Figure 34. In two-region digital integration mode, an equal number
of dark and lit samples are taken. However, the dark region is split
such that half of the samples are taken in the dark region prior to
the lit region, and the other half is taken in the dark region following
the lit region. The two-region digital integration mode results in
higher ambient light rejection than the one-region digital integration
mode in situations with a varying ambient light level. A timing
diagram for two-region digital integration mode is shown in
Figure 35.
Table 22 shows the relevant register settings for the digital integra-
tion modes of operation. Note that only a single channel can be
used in digital integration mode. Two channels are not supported
for digital integration mode of operation. The MIN_PERIOD_x bits
must also be manually set with the correct period because the
minimum period is not automatically calculated in digital integration
mode.
Figure 34. One-Region Digital Integration Mode Timing Diagram
Figure 35. Two-Region Digital Integration Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com