Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 74 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 70Page - Analog Devices ADPD4200 Datasheet HTML 71Page - Analog Devices ADPD4200 Datasheet HTML 72Page - Analog Devices ADPD4200 Datasheet HTML 73Page - Analog Devices ADPD4200 Datasheet HTML 74Page - Analog Devices ADPD4200 Datasheet HTML 75Page - Analog Devices ADPD4200 Datasheet HTML 76Page - Analog Devices ADPD4200 Datasheet HTML 77Page - Analog Devices ADPD4200 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 74 of 93
Table 27. Interrupt Status and Control Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access1
0
INT_ACLEAR_DATA_A
Time Slot A Interrupt Autoclear Enable. Set this bit to enable
automatic clearing of the INT_DATA_A interrupt each time the Time
Slot A data registers are read.
0x1
R/W
0x0014
INT_ENABLE_XD
15
INTX_EN_FIFO_TH
INT_FIFO_TH Interrupt Enable. Write a 1 to this bit to enable the
drive of the FIFO threshold status on Interrupt X.
0x0
R/W
14
INTX_EN_FIFO_UFLOW
INT_FIFO_UFLOW Interrupt Enable for Interrupt X. Write a 1 to this
bit to enable drive of the FIFO underflow status on Interrupt X.
0x0
R/W
13
INTX_EN_FIFO_OFLOW
INT_FIFO_OFLOW Interrupt Enable for Interrupt X. Write a 1 to this
bit to enable drive of the FIFO overflow status on Interrupt X.
0x0
R/W
12
Reserved
Reserved.
0x0
R
11
INTX_EN_DATA_L
INT_DATA_L Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_L status on Interrupt X.
0x0
R/W
10
INTX_EN_DATA_K
INT_DATA_K Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_K status on Interrupt X.
0x0
R/W
9
INTX_EN_DATA_J
INT_DATA_J Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_J status on Interrupt X.
0x0
R/W
8
INTX_EN_DATA_I
INT_DATA_I Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_I status on Interrupt X.
0x0
R/W
7
INTX_EN_DATA_H
INT_DATA_H Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_H status on Interrupt X.
0x0
R/W
6
INTX_EN_DATA_G
INT_DATA_G Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_G status on Interrupt X.
0x0
R/W
5
INTX_EN_DATA_F
INT_DATA_F Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_F status on Interrupt X.
0x0
R/W
4
INTX_EN_DATA_E
INT_DATA_E Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_E status on Interrupt X.
0x0
R/W
3
INTX_EN_DATA_D
INT_DATA_D Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_D status on Interrupt X.
0x0
R/W
2
INTX_EN_DATA_C
INT_DATA_C Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_C status on Interrupt X.
0x0
R/W
1
INTX_EN_DATA_B
INT_DATA_B Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_B status on Interrupt X.
0x0
R/W
0
INTX_EN_DATA_A
INT_DATA_A Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_A status on Interrupt X.
0x0
R/W
0x0015
INT_ENABLE_YD
15
INTY_EN_FIFO_TH
INT_FIFO_TH Interrupt Enable. Write a 1 to this bit to enable drive of
the FIFO threshold status on Interrupt Y.
0x0
R/W
14
INTY_EN_FIFO_UFLOW
INT_FIFO_UFLOW Interrupt Enable for Interrupt Y. Write a 1 to this
bit to enable drive of the FIFO underflow status on Interrupt Y.
0x0
R/W
13
INTY_EN_FIFO_OFLOW
INT_FIFO_OFLOW Interrupt Enable for Interrupt Y. Write a 1 to this
bit to enable drive of the FIFO overflow status on Interrupt Y.
0x0
R/W
12
Reserved
Reserved.
0x0
R
11
INTY_EN_DATA_L
INT_DATA_L Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_L status on Interrupt Y.
0x0
R/W
10
INTY_EN_DATA_K
INT_DATA_K Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_K status on Interrupt Y.
0x0
R/W
9
INTY_EN_DATA_J
INT_DATA_J Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_J status on Interrupt Y.
0x0
R/W
8
INTY_EN_DATA_I
INT_DATA_I Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_I status on Interrupt Y.
0x0
R/W
7
INTY_EN_DATA_H
INT_DATA_H Interrupt Enable. Write a 1 to this bit to enable drive of
INT_DATA_H status on Interrupt Y.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com