Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 19Page - Analog Devices ADPD4200 Datasheet HTML 20Page - Analog Devices ADPD4200 Datasheet HTML 21Page - Analog Devices ADPD4200 Datasheet HTML 22Page - Analog Devices ADPD4200 Datasheet HTML 23Page - Analog Devices ADPD4200 Datasheet HTML 24Page - Analog Devices ADPD4200 Datasheet HTML 25Page - Analog Devices ADPD4200 Datasheet HTML 26Page - Analog Devices ADPD4200 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
Data Sheet
ADPD4200
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 93
Table 15. FIFO Status Byte Order and Contents
Byte Order
Enable Bit
Contents1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
ENA_STAT_SUM
0
0
Any LEV1_x Any LEV0_x
4-bit sequence
1
ENA_STAT_D1
DATA_H
DATA_G
DATA_F
DATA_E
DATA_D
DATA_C
DATA_B
DATA_A
2
ENA_STAT_D2
0
0
0
0
DATA_L
DATA_K
DATA_J
DATA_I
3
ENA_STAT_L0
LEV0_H
LEV0_G
LEV0_F
LEV0_E
LEV0_D
LEV0_C
LEV0_B
LEV0_A
4
ENA_STAT_L1
LEV1_H
LEV1_G
LEV1_F
LEV1_E
LEV1_D
LEV1_C
LEV1_B
LEV1_A
5
ENA_STAT_LX
LEV1_L
LEV1_K
LEV1_J
LEV1_I
LEV0_L
LEV0_K
LEV0_J
LEV0_I
1 DATA_x refers to the data register interrupts for the corresponding time slot. LEV0_x and LEV1_x refer to Level 0 and Level 1 time slot interrupts, respectively, for Time Slot
A through Time Slot L.
Interrupt Outputs, Interrupt X and Interrupt Y
The ADPD4200 supports two separate interrupt outputs, Interrupt X
and Interrupt Y. Each interrupt has the option to be driven to any
of the two GPIOx pins. The two different interrupt outputs can be
generated for a host processor if desired. For example, the FIFO
threshold interrupt, INT_FIFO_TH, can be routed to Interrupt X and
used to drive the direct memory access (DMA) channel of the host,
while the INT_FIFO_ OFLOW and INT_FIFO_UFLOW interrupts
can be routed to Interrupt Y and used to drive an additional host
interrupt pin. Another example case includes routing the data inter-
rupt from a single time slot to Interrupt X and the FIFO threshold
interrupt to Interrupt Y. The host receives one interrupt when the
interrupt of that particular channel occurs and the host can then
read that register directly. Interrupt Y, in this case, is handled by
the host with the DMA or with an interrupt. Each of the different
interrupt status bits can be routed to Interrupt X or Interrupt Y, or
both.
For each interrupt, there is an associated Interrupt X and Interrupt Y
enable bit. The logic for the Interrupt X and Interrupt Y function is a
logic AND of the status bit with its matching enable bit. All enabled
status bits are then logically OR’ed to create the interrupt function.
The enable bits do not affect the status bits.
General-Purpose Inputs and Outputs
The ADPD4200 provides two general-purpose input and output
pins: GPIO0 and GPIO1. These GPIOx pins can be used as previ-
ously described in the Interrupt Outputs, Interrupt X and Interrupt Y
section for interrupt outputs or for providing external clock signals
to the device. The GPIOx pins can also be used for many different
control signals, as synchronization controls to external devices, as
well as test signals that are useful during system debugging. All of
the available signals that can be brought out on a GPIOx pin.
SPI
The ADPD4200 contains a SPI port, which operates synchronously
with its respective input clocks and requires no internal clocks to
operate.
The ADPD4200 has an internal power-on reset circuit that sets the
device into a known idle state during the initial power-up. After the
power-on reset is released, approximately 2 µs to 6 μs after the
DVDD supply is active, the device can be read and written through
the SPI.
The registers are accessed using addresses within a 15-bit address
space. Each address references a 15-bit register with one address
reserved for the FIFO read accesses. Reads and writes auto-incre-
ment to the next register if additional words are accessed as part
of the same access sequence. This automatic address increment
occurs for all addresses except the FIFO address, one less than the
FIFO address and the last used address, which is 0x277. Reads
from the FIFO address continue to access the next byte from the
FIFO.
SPI Operations
The SPI single register write operation is shown in Figure 22. The
first two bytes contain the 15-bit register address and specify that a
write is requested. The remaining two bytes are the 16 data bits to
write to the register. The register write occurs only when all 16 bits
are shifted in prior to deassertion of the CS signal.
In addition, multiple registers can be written if an additional 16-bit
data is shifted in before deassertion of the CS signal. The register
address automatically increments to the next register after each
16 bits of data.
The SPI single register read operation is shown in Figure 23. The
first two bytes contain the 15-bit register address and specify that
a read is requested. Register bits are shifted out starting with the
MSB. In addition, multiple registers can be read if an additional
16-bit data is shifted out prior to deassertion of the CS signal.
It is recommended that reading from the FIFO is performed byte
wise. There is no requirement to read multiples of 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com