Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 80 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 76Page - Analog Devices ADPD4200 Datasheet HTML 77Page - Analog Devices ADPD4200 Datasheet HTML 78Page - Analog Devices ADPD4200 Datasheet HTML 79Page - Analog Devices ADPD4200 Datasheet HTML 80Page - Analog Devices ADPD4200 Datasheet HTML 81Page - Analog Devices ADPD4200 Datasheet HTML 82Page - Analog Devices ADPD4200 Datasheet HTML 83Page - Analog Devices ADPD4200 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 80 of 93
Table 30. Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
8
HOLD_REGS_I
Prevents update of Time Slot I data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
7
HOLD_REGS_H
Prevents update of Time Slot H data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
6
HOLD_REGS_G
Prevents update of Time Slot G data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
5
HOLD_REGS_F
Prevents update of Time Slot F data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
4
HOLD_REGS_E
Prevents update of Time Slot E data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
3
HOLD_REGS_D
Prevents update of Time Slot D data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
2
HOLD_REGS_C
Prevents update of Time Slot C data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
1
HOLD_REGS_B
Prevents update of Time Slot B data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
0
HOLD_REGS_A
Prevents update of Time Slot A data registers.
0x0
R/W
0: allows data register update.
1: holds current contents of data register.
INPUT AND OUTPUT SETUP AND CONTROL REGISTERS
Table 31. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x0022
GPIO_CFG
[15:14]
GPIO_SLEW
Slew Control for GPIOx Pins.
0x0
R/W
0: slowest.
1: slow.
10: fastest.
11: fast.
[13:12]
GPIO_DRV
Drive Control for GPIOx Pins.
0x0
R/W
0: medium.
1: weak.
10: strong.
11: strong.
[11:6]
Reserved
Reserved.
0x0
R
[5:3]
GPIO_PIN_CFG1
GPIO1 Pin Configuration.
0x0
R/W
000: disabled (tristate, input buffer off).
001: enabled input.
010: output—normal.
011: output—inverted.
100: pull-down only—normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com