Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 85 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 81Page - Analog Devices ADPD4200 Datasheet HTML 82Page - Analog Devices ADPD4200 Datasheet HTML 83Page - Analog Devices ADPD4200 Datasheet HTML 84Page - Analog Devices ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices ADPD4200 Datasheet HTML 88Page - Analog Devices ADPD4200 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 85 of 93
Table 32. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
10: TIA_VREF + 250 mV.
11: GND.
[7:6]
VC2_SEL_x
VC2 Active State for Time Slot x.
0x0
R/W
00: VDD.
01: TIA_VREF.
10: TIA_VREF + 250 mV.
11: GND.
[5:4]
VC1_PULSE_x
VC1 Pulse Control for Time Slot x.
0x0
R/W
00: no pulsing.
01: alternate VC1 on each subsequent Time Slot x.
10: pulse to alternate value specified in VC1_ALT_x using modulation
pulse.
[3:2]
VC1_ALT_x
VC1 Alternate Pulsed State for Time Slot x.
0x0
R/W
00: VDD.
01: TIA_VREF.
10: TIA_VREF + 250 mV.
11: GND.
[1:0]
VC1_SEL_x
VC1 Active State for Time Slot x.
0x0
R/W
00: VDD.
01: TIA_VREF.
10: TIA_VREF + 250 mV.
11: GND.
0x0104
AFE_TRIM_A
15
Reserved
Reserved
0x0
R/W
0x0124
AFE_TRIM_B
[13:12]
CH2_TRIM_INT_x
Sets the integrator input resistor when AFE_INT_C_BUF_x = 0.
0x0
R/W
0x0144
AFE_TRIM_C
Sets the buffer gain when AFE_INT_C_BUF_x = 1.
0x0164
AFE_TRIM_D
AFE_INT_C_BUF_x = 0
AFE_INT_C_BUF_x = 1
0x0184
AFE_TRIM_E
00: 400 kΩ.
00: gain = 1.
0x01A4
AFE_TRIM_F
01: 200 kΩ.
01: gain = 1.
0x01C4
AFE_TRIM_G
10: 100 kΩ.
10: gain = 0.7.
0x01E4
AFE_TRIM_H
11: 100 kΩ.
11: gain = 0.7.
0x0204
AFE_TRIM_I
[12:11]
CH1_TRIM_INT_x
Sets the integrator input resistor when AFE_INT_C_BUF_x = 0.
0x0
R/W
0x0224
AFE_TRIM_J
Sets the buffer gain when AFE_INT_C_BUF_x = 1.
0x0244
AFE_TRIM_K
AFE_INT_C_BUF_x = 0
AFE_INT_C_BUF_x = 1
0x0264
AFE_TRIM_L
00: 400 kΩ.
00: gain = 1.
01: 200 kΩ.
01: gain = 1.
10: 100 kΩ.
10: gain = 0.7.
11: 100 kΩ.
11: gain = 0.7.
10
VREF_PULSE_x
TIA_VREF Pulse Control.
0x0
R/W
0: no pulsing.
1: pulse TIA_VREF based on modulation pulse.
[9:8]
AFE_TRIM_VREF_x
Voltage Select for TIA_VREF.
0x3
R/W
00: TIA_VREF = 1.1385 V.
01: TIA_VREF = 1.012 V.
10: TIA_VREF = 0.8855 V.
11: TIA_VREF = 1.265 V.
[7:6]
VREF_PULSE_VAL_x
TIA_VREF Pulse Alternate Value.
0x3
R/W
00: modulate TIA_VREF = 1.1385 V.
01: modulate TIA_VREF = 1.012 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com