Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 40 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices ADPD4200 Datasheet HTML 40Page - Analog Devices ADPD4200 Datasheet HTML 41Page - Analog Devices ADPD4200 Datasheet HTML 42Page - Analog Devices ADPD4200 Datasheet HTML 43Page - Analog Devices ADPD4200 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 40 of 93
Sleep Float Mode
The recommended operating mode for an ECG measurement with
the ADPD4200 is sleep float mode. In sleep float mode, a robust
ECG measurement can be made regardless of whether low impe-
dance wet electrodes or high impedance dry electrodes are used.
Sleep float mode is also suitable for ECG measurements with large
half cell potential mismatches.
In sleep float mode, the capacitor floats during other time slots
and during sleep, accumulating charge from the ECG signal. The
accumulated charge is then transferred into the integrator during
a specified time slot. The device must be configured to float the
inputs during the preconditioning period and during sleep. The
inputs are connected to the external capacitor only during the
charge transfer time. At all other times, the inputs are floating,
resulting in a float time of 1/tP, where tP is the sampling rate of the
ADPD4200. For example, if the ADPD4200 is set up to sample at
300 Hz, the float time in sleep float mode is ~3.3 ms.
An advantage of using sleep float mode is reduced power con-
sumption. While the sampling capacitor is floating, it is disconnect-
ed from the amplifier, and there is no need for the amplifier power
to be on. Using sleep float mode can reduce power consumption
by using the sleep time, when the amplifiers are powered down, to
transfer the ECG signal from the body to the sampling capacitor. A
timing diagram for sleep float mode is shown in Figure 39.
The relevant register settings for sleep float mode are shown in
Table 24.
Figure 39. Sleep Float Mode Timing Diagram
Table 24. Relevant Configuration Registers for ECG Measurement Using Sleep Float Mode
Group
Time Slot A
Register Address1
Bit Field Name
Description
Signal Path Setup
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0100, Bits[11:10]
INPUT_R_SELECT_x
Set to 0x0 for 500 Ω series input resistor.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass the BPF.
0x0101, Bits[15:12]
PRE_WIDTH_x
Set to 0 to skip preconditioning period.
0x0102, Bits[15:12],
0x0102, Bits[3:0]
INPxx_x
Set to 0x7 to enable desired inputs connected to Channel 1 as defined in PAIRxx.
0x0103, Bits[14:12]
PRECON_x
Set to 0x0 to float the inputs during preconditioning.
0x0020, Bits[15:12],
0x0020, Bits[3:0]
INP_SLEEP_xx
Set to 0x0 to float inputs during sleep.
0x0021, Bit 3, 0x0021, Bit
0
PAIRxx
Set to 1 to configure selected inputs as a differential pair.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Float Mode
Configuration
0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per group of ADC conversions.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0x1 for float type operation.
0x0108, Bits[9:0]
MIN_PERIOD_x
Set to 0. Minimum period is not applicable to sleep float mode with a single integration.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to MOD_WIDTH_x + 1.
0x010A, Bits[14:12],
0x010A, Bits[10:8]
CHx_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down the BPF for Channel 1, and Bit 13 to 1 to power
down the BPF for Channel 2 if Channel 2 is enabled.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to (MOD_OFFSET_x − INTEG_WIDTH_x – 250 ns).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com